Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSB-18TB Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # VSB-18TB
Description  1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VSB-18TB Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  VSB-18TB Datasheet HTML 1Page - Fujitsu Component Limited. VSB-18TB Datasheet HTML 2Page - Fujitsu Component Limited. VSB-18TB Datasheet HTML 3Page - Fujitsu Component Limited. VSB-18TB Datasheet HTML 4Page - Fujitsu Component Limited. VSB-18TB Datasheet HTML 5Page - Fujitsu Component Limited. VSB-18TB Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
All or nothing relay
q
UL, CSA, VDE, SEV, FIMKO, SEMKO, IMQ, ÖVE, BSI
recognized
q
Working class: C
q
Type of service: continuous duty
q
Heavy duty 16 A miniature power relay
q
UL Class B (130
°C) insulation
q
High isolation in small package
—Insulation distance: 8 mm
—Dielectric strength: 5,000 VAC
(between coil and contacts)
—Surge strength: 10,000 V
q
Low power consumption and high sensitivity type
available VSB-S)
q
Plastic sealed (with tape) type available
(a)
Series Name
VSB: VSB Series
(b)
Nominal Voltage
Refer to the COIL DATA CHART
(c)
Coil Type
Nil : Standard type
S
: High sensitivity type
(d)
Contact Arrangement
M
: 1 form A (SPST-NO)
T
: 1 form C (SPDT)
(e)
Enclosure
B
: Flux free type
C
: Plastic sealed type (with tape)
Note: Actual marking omits the hyphen (-) of (*)
s ORDERING INFORMATION
VSB
– 12
S
T
B
[Example]
(a)
(*) (b) (c) (d) (e)
VSB SERIES
POWER RELAY
1 POLE—16 A (HEAVY POWER CONTROL)
Nominal voltage
Contact rating
3 to 100 VDC
1/3 HP 125 VAC/250 VAC
16 A 30 VDC/250 VAC resistive
Pilot duty C 150
s SAFETY STANDARD AND FILE NUMBERS
UL508, 873 (File No. E56140, E108658)
C22.2 No. 14 (File No. LR35579)
VDE0435, 0631, 0700 (File No. 11039-4940-0005/30K)


Similar Part No. - VSB-18TB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12MB FUJITSU-VSB-12MB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12MC FUJITSU-VSB-12MC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMB FUJITSU-VSB-12SMB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMC FUJITSU-VSB-12SMC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
More results

Similar Description - VSB-18TB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com