Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD505 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTD505
Description  5 Port 10M/100M Ethernet Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTD505 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTD505 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTD505 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
MTD505 Revision 1.2 14/04/2000
MTD505
(Preliminary)
MYSON
TECHNOLOGY
Jummper Configuration After Power On Reset
Name
Pin Number
I/O
Descriptions
LEDDATA[0]
LEDDATA[1]
LEDDATA[2]
LEDDATA[3]
LEDDATA[4]
LEDDATA[5]
LEDDATA[6]
LEDDATA[7]
I/O
During power on reset duration, these pins are jumper setting pins
(pull_hgih = 1, pull_low = 0).
LEDDATA[0] : select SGRAM/SDRAM interface ,
“1” means 256K32 x 1 or 512K32 x 1 is selected.
“0” means 256K32 x 2 is selected, default is “1”.
LEDDATA[1] : config packet buffer size,
“1” means 2 M bytes buffer size is selected.
“0” means 1 M byte buffer size is selected, default is “0”
LEDDATA[2] : enable memory test function,
“1” means enable.
‘0” means disable, default is “1”.
LEDDATA[3] : enable aging function,
“1” means enable.
“0” means disable, default is “1”.
LEDDATA[4] : enable MII polling(MDC/MDIO),
“1” means enable.
“0” means disable, default is “1”.
LEDDATA[5] : enable broadcast storm control,
“1” means enable.
“0” means disable, default is “1”.
LEDDATA[6] : enable backpressure function (in half mode),
“1” means enable.
“0” means disable, default is “1”.
LEDDATA[7] : enable 802.3x flow control function (in full mode) ,
“1” means enable.
“0” means disable, default is ”1”.
LEDCLK1
I/O
During power on reset duration, this pin is a jumper setting pin
(pull_hgh =1, pull_low = 0).
LEDCLK1 : select 1K or 8K address entry table,
“1” means 8K addres entry is selected.
“0” means 1K address entry is selected, default is “1”.
LEDCLK2
I/O
During power on reset duration, this pin is a jumper setting pin
(pull_hgh =1, pull_low = 0).
LEDCLK2 : enable EEPROM interface.
“1” means enable.
“0” means disable, default is “1”.


Similar Part No. - MTD505

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5052N MARKTECH-MTD5052N Datasheet
602Kb / 2P
   Peak Sensitivity Wavelength: 525nm
MTD5052N MARKTECH-MTD5052N Datasheet
602Kb / 2P
   Photo Diode
MTD5052N MARKTECH-MTD5052N_15 Datasheet
602Kb / 2P
   Photo Diode
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
   Peak Sensitivity Wavelength: 525nm
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
   Photo Diode
More results

Similar Description - MTD505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTD508 ETC-MTD508 Datasheet
439Kb / 19P
   8-Port 10M/100M Ethernet Switch
Rev.1.3 December 2001
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
   16 Port 10M/100M Ethernet Switch
MTD655 ETC-MTD655 Datasheet
197Kb / 18P
   5 Port 10M/100M Hub With 2 port Switch
logo
Zarlink Semiconductor I...
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
MTD658 ETC1-MTD658 Datasheet
192Kb / 17P
   8 Port 10M/100M Hub With 2 port Switch
MTD502E ETC2-MTD502E Datasheet
194Kb / 20P
   2 Port 10M/100M Switch With Build_in Memory
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
logo
Realtek Semiconductor C...
RTL8196E-CG REALTEK-RTL8196E-CG Datasheet
823Kb / 79P
   5-PORT 10/100M ETHERNET ROUTER NETWORK PROCESSOR
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
   5-Port Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com