Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSB-24 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # VSB-24
Description  1 POLE-16 A (HEAVY POWER CONTROL) VSB SERIES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VSB-24 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  VSB-24 Datasheet HTML 1Page - Fujitsu Component Limited. VSB-24 Datasheet HTML 2Page - Fujitsu Component Limited. VSB-24 Datasheet HTML 3Page - Fujitsu Component Limited. VSB-24 Datasheet HTML 4Page - Fujitsu Component Limited. VSB-24 Datasheet HTML 5Page - Fujitsu Component Limited. VSB-24 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
VSB SERIES
Nominal
Coil resistance
Must operate
Must release
Nominal
MODEL
voltage
(
±10%)
voltage
voltage
power
VSB-
3 ( ) ( )
3 VDC
12.5
2.1 VDC
0.3 VDC
0.72 W
VSB-
5 ( ) ( )
5 VDC
36
3.5 VDC
0.5 VDC
0.70 W
VSB-
6 ( ) ( )
6 VDC
50
4.2 VDC
0.6 VDC
0.72 W
VSB-
9 ( ) ( )
9 VDC
115
6.3 VDC
0.9 VDC
0.70 W
VSB- 12 ( ) ( )
12 VDC
200
8.4 VDC
1.2 VDC
0.72 W
VSB- 14 ( ) ( )
14 VDC
280
9.8 VDC
1.4 VDC
0.70 W
VSB- 18 ( ) ( )
18 VDC
460
12.6 VDC
1.8 VDC
0.70 W
VSB- 24 ( ) ( )
24 VDC
820
16.8 VDC
2.4 VDC
0.70 W
VSB- 36 ( ) ( )
36 VDC
1,850
25.2 VDC
3.6 VDC
0.70 W
VSB- 48 ( ) ( )
48 VDC
3,300
33.6 VDC
4.8 VDC
0.70 W
VSB- 60 ( ) ( )
60 VDC
5,100
42.0 VDC
6.0 VDC
0.70 W
VSB-100 ( ) ( )
100 VDC
13,400
70.0 VDC
10.0 VDC
0.75 W
VSB-
3S ( ) ( )
3 VDC
17
2.1 VDC
0.3 VDC
0.53 W
VSB-
5S ( ) ( )
5 VDC
47
3.5 VDC
0.5 VDC
0.53 W
VSB-
6S ( ) ( )
6 VDC
68
4.2 VDC
0.6 VDC
0.53 W
VSB-
9S ( ) ( )
9 VDC
155
6.3 VDC
0.9 VDC
0.53 W
VSB- 12S ( ) ( )
12 VDC
270
8.4 VDC
1.2 VDC
0.53 W
VSB- 14S ( ) ( )
14 VDC
370
9.8 VDC
1.4 VDC
0.53 W
VSB- 18S ( ) ( )
18 VDC
610
12.6 VDC
1.8 VDC
0.53 W
VSB- 24S ( ) ( )
24 VDC
1,100
16.8 VDC
2.4 VDC
0.53 W
VSB- 36S ( ) ( )
36 VDC
2,450
25.2 VDC
3.6 VDC
0.53 W
VSB- 48S ( ) ( )
48 VDC
4,400
33.6 VDC
4.8 VDC
0.53 W
VSB- 60S ( ) ( )
60 VDC
6,800
42.0 VDC
6.0 VDC
0.53 W
VSB-100S ( ) ( )
100 VDC
18,560
70.0 VDC
10.0 VDC
0.53 W
s COIL DATA CHART
Note: All values in the table are measured at 20
°C


Similar Part No. - VSB-24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12MB FUJITSU-VSB-12MB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12MC FUJITSU-VSB-12MC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMB FUJITSU-VSB-12SMB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12SMC FUJITSU-VSB-12SMC Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
More results

Similar Description - VSB-24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VSB-12STB FUJITSU-VSB-12STB Datasheet
633Kb / 7P
   POWER RELAY 1 POLE-16 A (HEAVY POWER CONTROL)
VRB-12 FUJITSU-VRB-12 Datasheet
98Kb / 5P
   POWER RELAY 1 POLE-15 A (HEAVY POWER CONTROL)
VFB-6HU FUJITSU-VFB-6HU Datasheet
356Kb / 8P
   POWER RELAY 1 POLE-20, 25, 30 A (HEAVY POWER CONTROL)
VFB-48HU FUJITSU-VFB-48HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
FTR-K3F FUJITSU-FTR-K3F Datasheet
335Kb / 8P
   POWER RELAY 1 POLE - 25A Heavy Load Control
VF-24HU FUJITSU-VF-24HU Datasheet
161Kb / 8P
   POWER RELAY 1 POLE - 20/25/30A - Heavy power control VF Series
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
FTR-K3 FUJITSU-FTR-K3_10 Datasheet
686Kb / 8P
   POWER RELAY 1 POLE - 20A Heavy Load
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com