Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H881 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # H881
Description  6.35mm Base Lampholders
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H881 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  H881 Datasheet HTML 1Page - Gilway Technical Lamp H881 Datasheet HTML 2Page - Gilway Technical Lamp H881 Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
H912
Lamp Base
GZ6.35,(MR-16)
GY6.35
G6.35-1.25
G6.35
G6.35-1.0
Holder
Ceramic
Maximum
Ratings
50 Volts
12 Amps
230°C
Wire
18 AWG Stranded
Teflon Insulation
140mm Wire Length
H912-220
220mm Wire Length
H912-260
255mm Wire Length
H912-460
460mm Wire Length
H912-M3
M-3 Threaded
Mounting Inserts
H912-M3-255 M-3 Threaded
Mounting Inserts
255mm Wire Length
HX913
Lamp Base
GZ6.35 (MR-16)
GY6.35
G6.35
Holder
Ceramic
Maximum
Ratings
24 Volts
12.5 Amps
230°C
H701A
Lamp Holder GY6.35
G6.35-1.25
GX6.35
G6.35
G6.35-1.0
GZ6.35
Holder
Ceramic
Maximum
Ratings
250 Volts
12 Amps
230°C
Wire
18 AWG Stranded
Teflon Insulation
140mm Wire Length
H7010A
Lamp Base
GY6.35
Holder
Ceramic
Maximum
Ratings
250 Volts
12 Amps
230°C
Wire
18 AWG Stranded
Teflon Insulation
220mm Wire Length
6.35mm Base Lampholders
32


Similar Part No. - H881

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H882 HUASHAN-H882 Datasheet
751Kb / 3P
   NPN SILICON TRANSISTOR
logo
Gilway Technical Lamp
H885 GILWAY-H885 Datasheet
657Kb / 2P
   5.3mm Base Lampholders
More results

Similar Description - H881

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
H989 GILWAY-H989 Datasheet
657Kb / 2P
   5.3mm Base Lampholders
H9971 GILWAY-H9971 Datasheet
59Kb / 1P
   9.5mm Base Lampholders
H943 GILWAY-H943 Datasheet
49Kb / 1P
   R7 Base Lampholders
H9941 GILWAY-H9941 Datasheet
764Kb / 2P
   4mm Base Lampholders
logo
Visual Communications C...
12-208 VCC-12-208 Datasheet
586Kb / 3P
   DOUBLE CONTACT BAYONET BASE NON-GROUNDED LAMPHOLDERS
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
922 VCC-922 Datasheet
524Kb / 1P
   Midget Flange incandescent Lampholders
925 VCC-925 Datasheet
508Kb / 1P
   Midget Flange incandescent Lampholders
920 VCC-920 Datasheet
1Mb / 4P
   Midget Flange incandescent Lampholders
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com