Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H250 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # H250
Description  Subminiature Krypton Lams with Lens(Clear)-End
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

H250 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  H250 Datasheet HTML 1Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Subminiature Krypton Lamps with Lens-End
Color Temp.
Filament
Line
Part
Degrees
Life
Filament
Dimensions
No.
No.
Volts
Amps
Lumens
Kelvin
Hours
Type
Lgth. x Dia.
Drawing
1
187-1
4.2
1.05
50
3,000
650
C-6
1.3 X 0.45
A
2
188-1
5.0
1.00
42
2,800
10,000
C-6
1.6 X 0.7
A
B
Subminiature Krypton Lamps with Clear-End
Color Temp.
Filament
Line
Part
Degrees
Life
Filament
Dimensions
No.
No.
Volts
Amps
Lumens
Kelvin
Hours
Type
Lgth. x Dia.
Drawing
3
187
4.2
1.05
50
3,000
650
C-6
1.3 X 0.45
B
4
188
5.0
1.00
42
2,800
10,000
C-6
1.6 X 0.7
B
Recommended Holder/Socket H720 specified below.
3.2
5.0 MIN
.5
5.25 MAX
PAGE 16
Recommended Holder/Socket H720 specified above.
3.17 3.68
4.2 - 4.3
3.8, 2 places
3.2
12.7
2.8,
2 places
H720
Material
Natural Teflon
Pin shell: Brass
Contacts: Beryllium Copper
Maximum
Ratings
12 Volts
4.0 Amps
120°C
15
A
3.2
5.0 MIN
.5
5.25 MAX
PAGE 16
H250
Materials
Base: Natural Teflon
Pin Shell: Tin/Lead over nickel
Contact Finish: Tin/Lead over nickel
Maximum Ratings:
12 Volts
4.0 Amps
120oC
Subminiature Halogen Lamp
Color Temp.
Filament
Line
Part
Degrees
Life
Filament
Dimensions
No.
No.
Volts
Amps
Lumens
Kelvin
Hours
Type
Lgth. x Dia.
Drawing
5
288
5.0
0.90
54
2,850
600
C-6
2.6 x 296
µmC
6.0
1.00
100
3,050
100
C


Similar Part No. - H250

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H25030-1 COOPER-H25030-1 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-2 COOPER-H25030-2 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
H25030-3 COOPER-H25030-3 Datasheet
269Kb / 3P
   FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
Renesas Technology Corp
H2505 RENESAS-H2505 Datasheet
6Mb / 980P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2500 Series
logo
Intersil Corporation
H2505-DNP-DNP-1 INTERSIL-H2505-DNP-DNP-1 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
More results

Similar Description - H250

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
187-1 GILWAY-187-1 Datasheet
59Kb / 1P
   Subminiature Krypton Lamps with Lens-End
L1050-C GILWAY-L1050-C Datasheet
118Kb / 1P
   Lens-End Halogen Lamps , Clear-End Halogen Lamps
logo
Sharp Corporation
GP2S05 SHARP-GP2S05 Datasheet
145Kb / 4P
   SUBMINIATURE PHOTO INTERRUPTER WITH LENS
logo
Visual Communications C...
CM8299 VCC-CM8299 Datasheet
57Kb / 1P
   Lens End
GTL-1 VCC-GTL-1 Datasheet
99Kb / 1P
   Lens End
logo
Marl International Limi...
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
236-038-9307 MARL-236-038-9307_15 Datasheet
265Kb / 4P
   Water clear lens
logo
OSRAM GmbH
LYG5AP-CXDX-36-1 OSRAM-LYG5AP-CXDX-36-1 Datasheet
910Kb / 21P
   clear silicone lens
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
202-301-23-3811 MARL-202-301-23-3811_15 Datasheet
279Kb / 5P
   Water clear lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com