Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2811AF-08SR Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # A2811AF-08SR
Description  Low-Power EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

A2811AF-08SR Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  A2811AF-08SR Datasheet HTML 1Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 2Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 3Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 4Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 5Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 6Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 7Page - Alliance Semiconductor Corporation A2811AF-08SR Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2003
P2811/12/14
rev
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low-Power EMI Reduction IC
Features
FCC approved method of EMI attenuation
Provides up to 15 dB EMI reduction
Generates 1X, 2X, and 4X low EMI spread spectrum
clock of the input frequency
1X: P2811, 2X: P2812, 4X: P2814
Optimized for input frequency range from 10 to 40
MHz P2811: 10 to 40 MHz P2812: 10 to 40 MHz
P2814: 10 to 40 MHz
Internal loop filter minimizes external components
and board space
Selectable spread options: Down Spread and Center
Spread
Low inherent cycle-to-cycle jitter
Eight spread % selections: ±0.625% to –3.5%
3.3 V operating voltage
CMOS/TTL compatible inputs and outputs
Pinout
compatible
with
Cypress
CY25811,
CY25812, and CY25814
Products available for industrial temperature range
Available in 8-pin SOIC and TSSOP
Product Description
The P28xx is a versatile spread spectrum frequency
modulator designed specifically for input clock frequencies
from 10 to 40 MHz (see Input/Output Frequency Range
Selections). The P28xx can generate an EMI reduced clock
from crystal, ceramic resonator, or system clock.
The
P28xx-A and P28xx-B offer various combinations of spread
options and percentage deviations (see Output Frequency
Deviation and Spread Option Selections section). These
combinations include Down Spread, Center Spread and
percentage deviation range from ±0.625% to -3.50%.
The P28xx reduces electromagnetic interference (EMI) at
the clock source, allowing a system wide EMI reduction for
all the down stream clocks and data dependent signals.
The P28xx allows significant system cost savings by
reducing the number of circuit board layers, ferrite beads,
shielding, and other passive components that are
traditionally required to pass EMI regulations.
The P28xx modulates the output of a single PLL in order to
“spread” the bandwidth of a synthesized clock, thereby
decreasing the peak amplitudes of its harmonics. This
results in significantly lower system EMI compared to the
typical narrow band signal produced by oscillators and
most clock generators.
Lowering EMI by increasing a
signal’s bandwidth is called “spread spectrum clock
generation”.
The P28xx uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all-digital method.
Applications
The P28xx is targeted towards EMI management for
memory interfaces in mobile graphic chipsets and high-
speed digital applications such as PC peripheral devices,
consumer electronics, and embedded controller systems.
Block Diagram


Similar Part No. - A2811AF-08SR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
107Kb / 1P
   10 TO 1500 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A28 DBLECTRO-A28 Datasheet
231Kb / 1P
   MICRO-MATCH MINIATURE CONNECTOR (MALE ON WIRE TYPE)
logo
Tyco Electronics
A28 MACOM-A28 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A28 MA-COM-A28 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A28 ETC2-A28 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results

Similar Description - A2811AF-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
   Low Power EMI Reduction IC
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
   Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
logo
PulseCore Semiconductor
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
   Low Power Peak EMI Reduction IC
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com