Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004C1C-P12 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R1004C1C-P12
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004C1C-P12 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R1004C1C-P12 Datasheet HTML 1Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 2Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 3Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 4Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 5Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 6Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 7Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 8Page - Samsung semiconductor K6R1004C1C-P12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRELIMINARY
Revision 3.0
- 5 -
September 2001
PRELIMINARY
K6R1004C1C-C/C-L, K6R1004C1C-I/C-P
CMOS SRAM
Address
Data Out
Previous Valid Data
Valid Data
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB
Valid Data
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1004C1C-10
K6R1004C1C-12
K6R1004C1C-15
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
10
-
12
-
15
-
ns
Chip Select to End of Write
tCW
7
-
8
-
9
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
7
-
8
-
9
-
ns
Write Pulse Width(OE High)
tWP
7
-
8
-
9
-
ns
Write Pulse Width(OE Low)
tWP1
10
-
12
-
15
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
5
0
6
0
7
ns
Data to Write Time Overlap
tDW
5
-
6
-
7
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
ns


Similar Part No. - K6R1004C1C-P12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-12 SAMSUNG-K6R1004C1A-12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-15 SAMSUNG-K6R1004C1A-15 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-20 SAMSUNG-K6R1004C1A-20 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6R1004C1A-C12 SAMSUNG-K6R1004C1A-C12 Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
More results

Similar Description - K6R1004C1C-P12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1016C1C SAMSUNG-K6R1016C1C Datasheet
190Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(5.0V Operating).
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com