Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5551LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT5551LT1
Description  High Voltage Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5551LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT5551LT1 Datasheet HTML 1Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 2Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 3Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 4Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 5Page - ON Semiconductor MMBT5551LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT5550LT1 MMBT5551LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
500
TJ = 125°C
– 55
°C
25
°C
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
VCE = 1.0 V
VCE = 5.0 V
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
IC = 1.0 mA
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
10 mA
30 mA
100 mA
5.0
Figure 3. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
101
10–5
0.4
0.3
0.1
100
10–1
10–2
10–3
10–4
0.2
0
0.1
0.2
0.4
0.3
0.6
0.5
VCE = 30 V
TJ = 125°C
75
°C
25
°C
IC = ICES
REVERSE
FORWARD
IC, COLLECTOR CURRENT (mA)
1.0
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
0.1
0.2
0.5
Figure 4. “On” Voltages
0.8
0.6
0.4
0.2
0
3.0
30
0.3


Similar Part No. - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5551LT1 MOTOROLA-MMBT5551LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
Leshan Radio Company
MMBT5551LT1 LRC-MMBT5551LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5551LT1 ONSEMI-MMBT5551LT1 Datasheet
97Kb / 6P
   High Voltage Transistors
December, 2004 ??Rev. 4
logo
Avic Technology
MMBT5551LT1 AVICTEK-MMBT5551LT1 Datasheet
38Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MMBT5551LT1 TGS-MMBT5551LT1 Datasheet
41Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - MMBT5551LT1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com