Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC148B1R Datasheet(PDF) 9 Page - STMicroelectronics

Part # M74HC148B1R
Description  8 TO 3 LINE PRIORITY ENCODER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC148B1R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC148B1R Datasheet HTML 3Page - STMicroelectronics M74HC148B1R Datasheet HTML 4Page - STMicroelectronics M74HC148B1R Datasheet HTML 5Page - STMicroelectronics M74HC148B1R Datasheet HTML 6Page - STMicroelectronics M74HC148B1R Datasheet HTML 7Page - STMicroelectronics M74HC148B1R Datasheet HTML 8Page - STMicroelectronics M74HC148B1R Datasheet HTML 9Page - STMicroelectronics M74HC148B1R Datasheet HTML 10Page - STMicroelectronics M74HC148B1R Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC148
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8° (max.)
SO-16 MECHANICAL DATA
PO13H


Similar Part No. - M74HC148B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC148B1R STMICROELECTRONICS-M74HC148B1R Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
More results

Similar Description - M74HC148B1R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com