Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2782AG-08TT Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P2782AG-08TT
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2782AG-08TT Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P2782AG-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation P2782AG-08TT Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
July 2005
P2781/82/84
rev 1.5
General Purpose EMI Reduction IC
4 of 11
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
The P278xA performs Zero Cycle Slip when set at low percentage spreading. This allows no occurrence of system timing
error. The optimal setting should minimize system EMI to the fullest without affecting system performance. The spreading is
described as a percentage deviation of the center frequency.
(Note: the center frequency is the frequency of the external reference input on CLKIN, Pin 1.)
The P2781A is designed for PC peripheral, networking, notebook PC, and LCD monitor applications. It is optimized for
operation between 3 to 78MHz range. In the following application schematic example, the P2781A spread percentage
selection is determined by the external LF value specified in the Loop Filter Selection Table. The Input Frequency Selection
Table specifies the input frequency range. The external LF allows the user to fine tune the spread percentage to optimize the
EMI reduction benefits of the spread spectrum.
Note: Both logic input pins FS1 and FS0 have to be connected to either VDD or VSS. Do not leave them floating.
1
2
3
4
8
7
6
5
VDD
FS0
ModOUT
VSS
LF
FS1
XOUT
XIN/CLKIN
P2781A
+3.3V
Modulated 16MHz Clock
To target Chip
16 MHz
0.1µF
C2
C1
R1
0 Ohm
2.2 K


Similar Part No. - P2782AG-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2782AG-08TT PULSECORE-P2782AG-08TT Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
More results

Similar Description - P2782AG-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com