Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I2309AG-1-16-SR Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM5I2309AG-1-16-SR
Description  3.3V Zero Delay Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I2309AG-1-16-SR Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM5I2309AG-1-16-SR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I2309AG-1-16-SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ASM5P2309A
September 2005
ASM5P2305A
rev 1.6
3.3V Zero Delay Buffer
3 of 20
Notice: The information in this document is subject to change without notice.
CLK2
CLK3
1
2
3
5
6
7
8
ASM5P2305A
REF
CLK1
GND
VDD
CLKOUT
CLK4
4
Pin Configuration
Pin Description for ASM5P2309A
Pin #
Pin Name
Description
1
REF
2
Input reference frequency, 5V tolerant input
2
CLKA1
3
Buffered clock output, bank A
3
CLKA2
3
Buffered clock output, bank A
4
VDD
3.3V supply
5
GND
Ground
6
CLKB1
3
Buffered clock output, bank B
7
CLKB2
3
Buffered clock output, bank B
8
S2
4
Select input, bit 2
9
S1
4
Select input, bit 1
10
CLKB3
3
Buffered clock output, bank B
11
CLKB4
3
Buffered clock output, bank B
12
GND
Ground
13
VDD
3.3V supply
14
CLKA3
3
Buffered clock output, bank A
15
CLKA4
3
Buffered clock output, bank A
16
CLKOUT
3
Buffered output, internal feedback on this pin
S2
2
1
3
4
5
6
7
8
CLKA2
VDD
GND
CLKB1
CLKB2
CLKA1
REF
11
9
10
12
13
14
15
16
CLKA3
CLKA4
CLKB3
CLKB4
VDD
CLKOUT
GND
ASM5P2309A
S1


Similar Part No. - ASM5I2309AG-1-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5I2309AG-1-16-SR PULSECORE-ASM5I2309AG-1-16-SR Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5I2309AG-1-16-SR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com