Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM1815R-5 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM1815R-5
Description  Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1815R-5 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  ASM1815R-5 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1815R-5 Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ASM1815
6 of 9
Notice: The information in this document is subject to change without notice
Low Power, 3.3V/3.0V µP Reset
rev 1.4
February 2005
To-92 (3-Pin)
Dimensions in Inches
Dimensions in Millimeters
Min
Max
Min
Max
TO-92
A
0.175
0.185
4.445
4.699
b
0.016
0.020
0.406
0.508
C
0.014
0.016
0.356
0.406
φD
0.175
0.185
4.445
4.699
E
0.138
0.144
3.505
3.658
e
0.098
0.102
2.489
2.591
e1
0.045
0.055
1.143
1.397
j
0.168
0.174
4.269
4.420
L
0.500
0.585
12.7
14.86
s
0.095
0.099
2.413
2.515


Similar Part No. - ASM1815R-5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1815 ONSEMI-ASM1815 Datasheet
134Kb / 8P
   Low Power Open-Drain Output
August, 2011 ??Rev. 3
More results

Similar Description - ASM1815R-5

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
   Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
   Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
   Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
ASM1812 ALSC-ASM1812 Datasheet
231Kb / 9P
   Low Power 5V uP Reset Active HIGH, Push-Pull Output
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
   Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
   Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
logo
Alliance Semiconductor ...
ASM1233A ALSC-ASM1233A Datasheet
209Kb / 9P
   Low Power, 3.3V, uP Reset, Active LOW, Open-Drain Output
ASM8500 ALSC-ASM8500 Datasheet
191Kb / 7P
   Low Power 5V / 3.3V uP Reset Active LOW, Open - Drain Output
ASM1233D ALSC-ASM1233D Datasheet
175Kb / 11P
   Low Power, 5V/3.3V, uP Reset, Active LOW, Open-Drain Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com