Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHB-1104R-O Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GHB-1104R-O
Description  3.0x1.0 mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-1104R-O Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GHB-1104R-O Datasheet HTML 1Page - Gilway Technical Lamp GHB-1104R-O Datasheet HTML 2Page - Gilway Technical Lamp GHB-1104R-O Datasheet HTML 3Page - Gilway Technical Lamp GHB-1104R-O Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV NO: V.2
DATE:DEC/11/2002
PAGE: 2 OF 4
Selection Guide
Note:
1.
1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at TA=25 C
Electrical / Optical Characteristics at TA=25 C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
art No.
P.
PPaaarrrttt N
N
Nooo..
P.
art No
Pe
ic
De
D
Diiic
c
ce
e
De
ic
De
ens Typ
Le
LLeeennnsss TTTyyy pppee
Le
v(mcd)
Lens Typ
I)
IIvvv (((m
m
mcccddd))
I)
Iv (mcd
iewing
@20mA
Vg
VViiieeew
w
wiiinnngg
Vg
Viewin
Angle
in.
M.
M
Miiin
n
n..
M.
in
M.
yp
T.
TTyyyppp..
T.
Typ
)
UPER BRIGHT ORANGE (InGaAlP
SR
ATER CLEA
W0
70
0
120
ymbol
Sl
SSyyy m
m
mbbboooll
Sl
ymbo
Sr
aramete
Pr
PPaaarrraaam
m
meeettteeerr
Pr
aramete
Pe
evic
De
D
Deeevvviiicccee
De
evic
D.
yp
T.
TTyyyppp..
T.
yp
T.
ax
M.
M
Maaaxxx ..
M.
ax
Ms
nit
Us
U
Unnniiitttss
Us
nit
Us
est Conditio n
Ts
TTeeesss ttt C
C
Cooonnndddiiitttiiiooonnnss
Ts
Test Conditio n
peak
eak Wavelength
Pe
uper Bright Orang
S0
1
6m
nIF =20mA
D
ominate Wavelength
De
uper Bright Orang
S1
0
6m
nIF =20mA
1/2
pectral Line Half-width
Se
uper Bright Orang
S9
2m
nIF =20mA
Ce
apacitanc
Ce
uper Bright Orang
S0
3F
pVF=0V;f=1MHz
VF
orward Voltage
Fe
uper Bright Orang
S0
.
25
.
2V
I F =20mA
IR
everse Current
Re
uper Bright Orang
S0
1A
uVR =5V
arameter
Pr
PPaaarrraaam
m
meeettteeerr
Pr
Paramet e
up er Bri gh t Orang e
Se
SSuuupppeeerrr BB
Brrriiiggghhhttt O
O
Orrraaannngggee
Se
uper Bright Orang
Ss
nit
Us
U
Unnniiitttss
Us
Unit
Power dissipation
5
7W
m
DC Forward Current
0
3A
m
Peak Forward Current [1]
95
1A
m
Reverse Voltage
5V
Operating/Storage Temperature
-40 C To +85 C
GHB-1104R-O


Similar Part No. - GHB-1104R-O

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-1104R-B GILWAY-GHB-1104R-B Datasheet
140Kb / 4P
   3.0x1.0mm SMD CHIP LED LAMP
GHB-1104R-DR GILWAY-GHB-1104R-DR Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-R GILWAY-GHB-1104R-R Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-Y GILWAY-GHB-1104R-Y Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-YG GILWAY-GHB-1104R-YG Datasheet
140Kb / 4P
   3.0x1.0mm SMD CHIP LED LAMP
More results

Similar Description - GHB-1104R-O

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-1104R-DR GILWAY-GHB-1104R-DR Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-R GILWAY-GHB-1104R-R Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
GHB-1104R-Y GILWAY-GHB-1104R-Y Datasheet
140Kb / 4P
   3.0x1.0 mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APA3010MBC KINGBRIGHT-APA3010MBC Datasheet
155Kb / 5P
   3.0x1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
AA3528MBCK KINGBRIGHT-AA3528MBCK Datasheet
143Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528RWC KINGBRIGHT-AA3528RWC Datasheet
331Kb / 7P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528SF4C KINGBRIGHT-AA3528SF4C Datasheet
443Kb / 4P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528PR7C KINGBRIGHT-AA3528PR7C Datasheet
169Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3528VGC KINGBRIGHT-AA3528VGC Datasheet
164Kb / 5P
   3.5x2.8 mm SMD CHIP LED LAMP
AA3535SYL1Z1S KINGBRIGHT-AA3535SYL1Z1S Datasheet
322Kb / 6P
   3.5x3.5 mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com