Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222LT3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT2222LT3
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT2222LT3 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT2222LT3 Datasheet HTML 1Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 2Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 3Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 4Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 5Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 6Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 7Page - ON Semiconductor MMBT2222LT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMBT2222LT1, MMBT2222ALT1
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Unit
Max
Min
Symbol
SMALL−SIGNAL CHARACTERISTICS
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hoe
5.0
25
35
200
mmhos
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MMBT2222A
rb, Cc
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kW, f = 1.0 kHz) MMBT2222A
NF
4.0
dB
SWITCHING CHARACTERISTICS (MMBT2222A only)
Delay Time
(VCC = 30 Vdc, VBE(off) = − 0.5 Vdc,
td
10
ns
Rise Time
(VCC = 30 Vdc, VBE(off) = −0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
tr
25
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
ts
225
ns
Fall Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
tf
60
ns
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
−2 V
< 2 ns
0
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1 kW
+30 V
200
CS* < 10 pF
+16 V
−14 V
0
< 20 ns
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1 k
+30 V
200
CS* < 10 pF
−4 V
1N914


Similar Part No. - MMBT2222LT3

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
MMBT2222LT3 COMCHIP-MMBT2222LT3 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
MMBT2222LT3G COMCHIP-MMBT2222LT3G Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
MMBT2222LT3G ONSEMI-MMBT2222LT3G Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
MMBT2222LT3G ONSEMI-MMBT2222LT3G Datasheet
133Kb / 7P
   General Purpose Transistors
October, 2011 ??Rev. 10
MMBT2222LT3G ONSEMI-MMBT2222LT3G Datasheet
165Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 11
More results

Similar Description - MMBT2222LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com