Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I9775A-52-ER Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM5I9775A-52-ER
Description  2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9775A-52-ER Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM5I9775A-52-ER Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9775A-52-ER Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
June 2005
ASM5I9775A
rev 0.3
2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
5 of 12
Notice: The information in this document is subject to change without notice.
Table 3. Function Table (Bank A, B, and C)
VCO_SEL1 VCO_SEL0
SELA
QA(4:0)
SELB
QB(4:0)
SELC
QC(3:0)
0
0
0
÷4
0
÷4
0
÷8
0
0
1
÷8
1
÷8
1
÷12
0
1
0
÷8
0
÷8
0
÷16
0
1
1
÷16
1
÷16
1
÷24
1
x
0
÷2
0
÷2
0
÷4
1
x
1
÷4
1
÷4
1
÷6
Table 4. Function Table (FB_OUT)
VCO_SEL1
VCO_SEL0
FB_SEL1
FB_SEL0
FB_OUT
0
0
0
0
÷8
0
0
0
1
÷16
0
0
1
0
÷12
0
0
1
1
÷24
0
1
0
0
÷16
0
1
0
1
÷32
0
1
1
0
÷24
0
1
1
1
÷48
1
x
0
0
÷4
1
x
0
1
÷8
1
x
1
0
÷6
1
x
1
1
÷12
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
DC Supply Voltage
-0.3
5.5
V
VDD
DC Operating Voltage
Functional
2.375
3.465
V
VIN
DC Input Voltage
Relative to VSS
-0.3
VDD+ 0.3
V
VOUT
DC Output Voltage
Relative to VSS
-0.3
VDD+ 0.3
V
VTT
Output termination Voltage
-
VDD ÷2
V
LU
Latch Up Immunity
Functional
200
-
mA
RPS
Power Supply Ripple
Ripple Frequency < 100 kHz
-
150
mVp-p
TS
Temperature, Storage
Non Functional
-65
+150
°C
TA
Temperature, Operating Ambient
Functional
-40
+85
°C
TJ
Temperature, Junction
Functional
-
150
°C
ØJC
Dissipation, Junction to Case
Functional
-
23
°C/W
ØJA
Dissipation, Junction to Ambient
Functional
-
55
°C/W
ESDH
ESD Protection (Human Body Model)
2000
-
Volts
FIT
Failure in Time
Manufacturing test
10
ppm


Similar Part No. - ASM5I9775A-52-ER

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ER ALSC-ASM5I9772A-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772A-52-ET ALSC-ASM5I9772A-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ER ALSC-ASM5I9772AG-52-ER Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9772AG-52-ET ALSC-ASM5I9772AG-52-ET Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - ASM5I9775A-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com