Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMXZ33VTO Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMXZ33VTO
Description  SURFACE MOUNT, TRIPLE, ISOLATED, OPPOSING SILICON ZENER DIODES 2.4 VOLTS THRU 47 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXZ33VTO Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMXZ33VTO Datasheet HTML 1Page - Central Semiconductor Corp CMXZ33VTO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-26 CASE - MECHANICAL OUTLINE
CMXZ2V4TO
THRU
CMXZ47VTO
SURFACE MOUNT, TRIPLE, ISOLATED,
OPPOSING SILICON ZENER DIODES
2.4 VOLTS THRU 47 VOLTS
5% TOLERANCE
R1 (1-December 2003)
TYPE NO.
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT ZZK @ IZK
IR @ VR
IZM
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µµA
VOLTS
mA
% / °C
CMXZ22VTO*
20.90
22.0
23.10
5.0
55
250
1.0
0.05
15.4
11
0.09
CZ22V
CMXZ24VTO*
22.80
24.0
25.20
5.0
70
250
1.0
0.05
16.8
10
0.09
CZ24V
CMXZ27VTO*
25.65
27.0
28.35
2.0
80
300
0.5
0.05
18.9
9
0.09
CZ27V
CMXZ30VTO
28.50
30.0
31.50
2.0
80
300
0.5
0.05
21.0
8
0.09
CZ30V
CMXZ33VTO*
31.35
33.0
34.65
2.0
80
325
0.5
0.05
23.1
7
0.09
CZ33V
CMXZ36VTO*
34.20
36.0
37.80
2.0
90
350
0.5
0.05
25.2
6.9
0.09
CZ36V
CMXZ39VTO*
37.05
39.0
40.95
2.0
130
350
0.5
0.05
27.3
6.4
0.09
CZ39V
CMXZ43VTO*
40.85
43.0
45.15
2.0
150
375
0.5
0.05
30.1
5.8
0.10
CZ43V
CMXZ47VTO*
44.65
47.0
49.35
2.0
170
375
0.5
0.05
32.9
5.3
0.10
CZ47V
LEAD CODE:
1) ANODE D1
2) CATHODE D2
3) ANODE D3
4) CATHODE D3
5) ANODE D2
6) CATHODE D1
* Available on special order, consult factory.


Similar Part No. - CMXZ33VTO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXZ33VTO CENTRAL-CMXZ33VTO Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXZ33VTO CENTRAL-CMXZ33VTO Datasheet
498Kb / 2P
   SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
More results

Similar Description - CMXZ33VTO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
BZX84B5V1 CENTRAL-BZX84B5V1 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com