Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7Q161854A-FC10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7Q161854A-FC10
Description  512Kx36-bit, 1Mx18-bit QDR SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7Q161854A-FC10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K7Q161854A-FC10 Datasheet HTML 1Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 2Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 3Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 4Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 5Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 6Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 7Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 8Page - Samsung semiconductor K7Q161854A-FC10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
512Kx36 & 1Mx18 QDRTM b4 SRAM
- 3 -
Rev 1.0
July. 2002
K7Q163654A
K7Q161854A
PIN CONFIGURATIONS(TOP VIEW) K7Q161854A(1Mx18)
Notes: 1. * Checked pins are reserved for higher density address, i.e. 3A for 32Mb, 10A for 64Mb and 2A for 128Mb.
2. BW0 controls write to D0:D8 and BW1 controls write to D9:D17.
1
2
3
4
5
6
7
8
9
10
11
A
NC
VSS/SA*
NC/SA*
W
BW1
K
NC
R
SA
VSS/SA*
NC
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
NC
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTES
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clocks for Output data
1
SA
9A,4B,8B,5C,7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-17
10P,11N,11M,10K,11J,11G,10E,11D,11C,3B,3C,2D,
3F,2G,3J,3L,3M,2N
Data Inputs
Q0-17
11P,10M,11L,11K,10J,11F,11E,10C,11B,2B,3D,3E,
2F,3G,3K,2L,3N,3P
Data Outputs
W
4A
Write Control
R
8A
Read Control
BW0, BW1
7B, 5A
Byte Write Control
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 2.5V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply ( 1.5V or 1.8V )
VSS
2A,10A,4C,8C,4D-8D,5E-7E,
6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
1A,3A,7A,11A,1B,5B,9B,10B,1C,2C,6C,9C,1D,9D,10D,
1E,2E,9E,1F,9F,10F,1G,9G,10G,1H,1J,2J,9J,1K,2K,
9J,1L,9L,10L,1M,2M,9M,1N,9N,10N,1P,2P,9P
No Connect
3


Similar Part No. - K7Q161854A-FC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161852A SAMSUNG-K7Q161852A Datasheet
505Kb / 17P
   512Kx36 & 1Mx18 QDRTM b2 SRAM
More results

Similar Description - K7Q161854A-FC10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7Q163664B SAMSUNG-K7Q163664B Datasheet
344Kb / 17P
   512Kx36 & 1Mx18 QDR TM b4 SRAM
K7S1636T4C SAMSUNG-K7S1636T4C Datasheet
382Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7S1636U4C SAMSUNG-K7S1636U4C Datasheet
381Kb / 20P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7I163682B SAMSUNG-K7I163682B Datasheet
378Kb / 17P
   512Kx36-bit, 1Mx18-bit DDRII CIO b2 SRAM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7N163645M SAMSUNG-K7N163645M Datasheet
468Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com