Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5CVF857-40QR Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5CVF857-40QR
Description  2.5V Wide-Range Frequency Clock Driver (60MHz - 200MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5CVF857-40QR Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5CVF857-40QR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5CVF857-40QR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2004
ASM5CVF857
rev 1.2
2.5V Wide-Range Frequency Clock Driver (60 MHz
– 200 MHz)
1 of 15
Notice: The information in this document is subject to change without notice.
2.5V Wide-Range Frequency Clock Driver (60MHz
– 200MHz)
Features
Low skew; low jitter PLL clock driver.
1 to 10 differential clock distribution (SSTL_2).
Feedback pins for input to output synchronization.
PDB for power management.
Spread spectrum tolerant inputs.
Auto-PD when input signal removed.
Choice of static phase offset for easy board tuning:
• -XXX = device pattern number for options listed
below:
• PCV857-025 - 0 ps
• PCV857-1300 - +50 ps
Product Description
This PLL clock buffer is designed for a VDD of 2.5V,
AVDD of 2.5V and differential data input and output
levels.
ASM5CVF857 is a zero-delay buffer that
distributes a differential clock input pair (CLK_INT,
CLK_INC) to ten differential pairs of clock outputs
(CLKT[0:9],
CLKC[0:9])
and
one
differential
pair
feedback clock output (FB_OUT, FB_OUTC). The clock
outputs are controlled by the input clocks (CLK_INT,
CLKINC), the feedback clocks (FB_INT, FB_INC), the
2,5V LVCMOS input (PDB), and the analog power input
(AVDD). When input (PDB) is low while power is applied,
the receivers are disabled, the PLL is turned off, and
the differential clock outputs are tri-stated. When AVDD
is grounded, the PLL is turned off and bypassed for test
purposes.
When the input frequency is less than the operating
frequency of the PLL, approximately 20MHz, the device
will enter a low power mode. An input frequency
detection circuit on the differential inputs, independent
from the input buffers, will detect the low frequency
condition and perform the same low power features as
and when the PDB input is low. When the input
frequency increases to greater than approximately
20MHz, the PLL will be turned back on, the inputs and
outputs will be enabled, and the PLL will obtain phase
lock
between
the
feedback
clock
pair (FB_INT,
FB_INC) and the input clock pair (CLK_INT, CLK_INC).
The PLL in the ASM5CVF857 clock driver uses the
input clocks (CLK_INT, CLKINC) and the feedback
clocks (FB_INT, FB_INC) to provide high-performance,
low-skew, low-jitter output differential clocks (CLKT[0:9],
CLKC[0:9]). ASM5CVF857 is also able to track spread
spectrum clock (SSC) for reduced EMI.
ASM5CVF857 is characterized for operation from 0°C
to 85°C.
Applications
DDR Memory Modules / Zero Delay Board Fan
Out.
Provides complete DDR DIMM logic solution with
ASM4SSTVF16857, ASM4SSTVF16859 &
ASM4SSTVF32852.
Specifications
Meets PC3200 specification for DDR-I 400 support.
Covers all DDRI speed grades.
Switching Characteristics
CYCLE-CYCLE jitter : <50ps.
OUT-OUTPUT skew: <40ps.
Period jitter: ±30ps.


Similar Part No. - ASM5CVF857-40QR

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASM51 CONNOR-WINFIELD-ASM51 Datasheet
88Kb / 2P
   ADVANCED CMOS SURFACE MOUNT
logo
List of Unclassifed Man...
ASM51AA ETC1-ASM51AA Datasheet
288Kb / 2P
   3.3V SURFACE MOUNT CRYSTALCLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
ASM51AA CONNOR-WINFIELD-ASM51AA Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51AA-51.84 CONNOR-WINFIELD-ASM51AA-51.84 Datasheet
121Kb / 2P
   3.3V SURFACE MOUNT CRYSTAL CLOCK OSCILLATOR
ASM51R CONNOR-WINFIELD-ASM51R Datasheet
95Kb / 2P
   SM ACMOS ENABLE/ DISABLE TRISTATE OUTPUT
More results

Similar Description - ASM5CVF857-40QR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS95V857 ICST-ICS95V857_09 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
ICS95V857C ICST-ICS95V857C Datasheet
136Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
95V857 RENESAS-95V857 Datasheet
2Mb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS95V857 ICST-ICS95V857 Datasheet
116Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
logo
Renesas Technology Corp
ICS95V2F857A RENESAS-ICS95V2F857A Datasheet
361Kb / 14P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
2019
logo
Integrated Circuit Syst...
ICS93V857 ICST-ICS93V857 Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
logo
Renesas Technology Corp
ICS93V857 RENESAS-ICS93V857 Datasheet
277Kb / 12P
   2.5V Wide Range Frequency Clock Driver (33MHz - 233MHz)
2019
ICS95V857C RENESAS-ICS95V857C Datasheet
141Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
12/16/05
logo
Integrated Device Techn...
ICS95V857 IDT-ICS95V857 Datasheet
134Kb / 13P
   2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com