Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3X2105AFTR Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3X2105AFTR
Description  Low Frequency EMI Reduction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3X2105AFTR Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3X2105AFTR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3X2105AFTR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
October 2003
ASM3X2105A
rev 1.0
Low Frequency EMI Reduction
3 of 10
Notice: The information in this document is subject to change without notice.
1
2
3
4
CLKIN
XOUT
DIV2
VSS
MODOUT
5
6
7
8
SR0
SSON#
VDD
ASM3X2105A
Spread Spectrum
Spreading the spectrum of the signal reduces the system EMI. The optimal setting should minimize system EMI
to the fullest without affecting system performance. The spreading is described as a percentage deviation of the
center frequency (Note: The center frequency is the frequency of the external reference input on CLKIN, Pin1).
Example:
The ASM3X2105A is designed for communications, digital video and imaging applications. It is not only
optimized for operation in the 6MHz – 12MHz range, but its output frequency can be extended down to one half
of the input clock frequency using the divide-by-two feature. This feature extends low frequency operation to as
low as 3MHz. Setting pin 3 low (DIV2=0; divide-by-two mode) sets the output frequency (MODOUT) to half the
frequency of the input clock (CLKIN). This is a simple way to generate a spread spectrum modulated low
frequency clock when only a higher frequency signal is available. If you want the output frequency to be the
same as the input, you can either set DIV2=1 or leave it unconnected.
8.832MHz Crystal
Modulated 4.416MHz
is connected to CLK
input pin of the system
+5V
0.1µF


Similar Part No. - ASM3X2105AFTR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM3106C APLUS-ASM3106C Datasheet
466Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3112C APLUS-ASM3112C Datasheet
475Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3112C-1 APLUS-ASM3112C-1 Datasheet
673Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
logo
STMicroelectronics
ASM330LHB STMICROELECTRONICS-ASM330LHB Datasheet
3Mb / 131P
   High-accuracy automotive 6-axis inertial module for car electronic control units
Rev 7 - February 2023
More results

Similar Description - ASM3X2105AFTR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P2560B ALSC-P2560B Datasheet
187Kb / 7P
   Low Frequency EMI Reduction
logo
PulseCore Semiconductor
ASM3P2531A PULSECORE-ASM3P2531A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction
logo
Alliance Semiconductor ...
ASM3P2531A ALSC-ASM3P2531A Datasheet
189Kb / 8P
   Low Frequency EMI Reduction
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
   Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com