Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2853A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2853A
Description  Peak EMI Reducing Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2853A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2853A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2853A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Peak EMI Reducing Solution
4 of 8
rev 0.7
December 2004
ASM3P2853A
DC Electrical Characteristics
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Overall
Supply Current,
Dynamic
IDD
VDD=2.5V, FXIN=25MHz, CL=15pF
15
20
25
mA
Supply Current,
Static
IDDL
VDD = 2.5V, XIN = 0, PWDNB =0
-
1.5
-
mA
All input pins
High-Level Input
Voltage
VIH
VDD=2.5V
1.7
-
-
V
Low-Level Input
Voltage
VIL
VDD=2.5V
-
-
0.7
V
High-Level Input
Current
IIH
-
-
25
µ A
Low-Level Input
Current (pull-up)
IIL
-
-
-25
µ A
Clock Outputs
High-Level Output
Source Current
IxOH
VDD= 2.5V ,V(XIN) = 0, VO=2V
-10
-12
-15
mA
Low-Level Output
Sink Current
IxOL
VDD= V(XIN) =2.5V, VO=0.4V
10
12
15
mA
High-Level Output
Source Current
IOH
VO=2V
-
8
-
mA
Low-Level Output
Sink Current
IOL
VO=0.4V
-
8
-
mA
Output Impedance
ZO
-
42
-


Similar Part No. - ASM3P2853A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2853A PULSECORE-ASM3P2853A Datasheet
160Kb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2853A ONSEMI-ASM3P2853A Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2853AF-08SR PULSECORE-ASM3P2853AF-08SR Datasheet
160Kb / 8P
   Peak EMI Reducing Solution
ASM3P2853AF-08ST PULSECORE-ASM3P2853AF-08ST Datasheet
160Kb / 8P
   Peak EMI Reducing Solution
ASM3P2853AG-08SR PULSECORE-ASM3P2853AG-08SR Datasheet
160Kb / 8P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2853A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com