Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3I1819NG-08-TT Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM3I1819NG-08-TT
Description  Low Power Mobile VGA EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I1819NG-08-TT Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM3I1819NG-08-TT Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I1819NG-08-TT Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
August 2005
ASM3P1819N
rev 0.2
Low Power Mobile VGA EMI Reduction IC
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated Clock signal or Crystal.
2
VSS
P
Ground Connection. Connect to system ground.
3
NC
-
No Connect.
4
ModOUT
O
Spread spectrum clock output.
5
REF
O
Non-modulated Reference clock output of the input frequency.
6
PD#
I
Power down control pin. Pull LOW to enable Power-Down mode. This pin
has an internal pull-up resistor.
7
VDD
P
Connect to +3.3V.
8
XOUT
I
Connect to crystal. No connect if externally generated clock signal is used.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to 70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Output Frequency and Modulation Rate
Input Frequency Range
(MHz)
Output Frequency Range
(MHz)
Modulation Rate
Spread Deviation
(%)
20 to 40
20 to 40
Input Frequency / 512
-1.25
VSS
REF
1
2
3
5
6
7
8
ASM3P1819N
XIN
NC
ModOUT
PD#
XOUT
VDD
4


Similar Part No. - ASM3I1819NG-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3I1819NG-08-TT PULSECORE-ASM3I1819NG-08-TT Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
More results

Similar Description - ASM3I1819NG-08-TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1818 ALSC-P1818 Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com