Electronic Components Datasheet Search |
|
ASM2I20807AG-20-AR Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation |
|
ASM2I20807AG-20-AR Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation |
2 / 11 page June 2005 ASM2P20807A rev 0.2 2.5V CMOS 1-TO-10 CLOCK DRIVER 2 of 11 Notice: The information in this document is subject to change without notice. Pin Configuration Pin Description Capacitance (TA = +25°C, f = 1.0MHz) Absolute Maximum Ratings 1 Symbol Description Max Unit VTERM 2 Terminal Voltage with Respect to GND -0.5 to +4.6 V VTERM 3 Terminal Voltage with Respect to GND -0.5 to +5.5 V VTERM 4 Terminal Voltage with Respect to GND -0.5 to VCC+0.5 V TSTG Storage Temperature -65 to +150 ° C IOUT DC Output Current -60 to +60 mA NOTES: 1. These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability. 2. VCC terminals. 3. Input terminals. 4. Outputs and I/O terminals. Pin # Pin Names Description 1 I N Clock Input 3,5,7,9,11,12,14,16,18,19 O1-O10 Clock Outputs 2,6,10,13,17 GND Ground 4,8,15,20 VCC Power supply Symbol Parameter 1 Conditions Typ Max Unit CIN Input Capacitance VIN = 0V 3 4 pF NOTE:1. This parameter is measured at characterization but not tested. 2 19 1 20 3 18 4 17 5 16 6 15 7 14 8 13 9 12 10 11 IN GND O1 VCC O2 GND O3 VCC O4 GND O5 06 GND O7 VCC O8 GND O9 O10 VCC SSOP/ QSOP PACKAGE TOP VIEW A S M 2 P 2 0 8 0 7 A |
Similar Part No. - ASM2I20807AG-20-AR |
|
Similar Description - ASM2I20807AG-20-AR |