Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2I9942P Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM2I9942P
Description  Low Voltage 1:18 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I9942P Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM2I9942P Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
May 2005
ASM2I9942P
rev 0.3
Low Voltage 1:18 Clock Distribution Chip
6 of 10
Notice: The information in this document is subject to change without notice.
TJ,MAX should be selected according to the MTBF
system requirements and Table 8. Rthja can be derived
from Table 9. The Rthja represent data based on 1S2P
boards, using 2S2P boards will result in lower thermal
impedance than indicated below.
Table 9. Thermal package impedance of the
32LQFP
Convection,
LFPM
Rthja (1P2S
board), °C/W
Rthja (2P2S
board), °C/W
Still air
86
61
100 lfpm
76
56
200 lfpm
71
54
300 lfpm
68
53
400 lfpm
66
52
500 lfpm
60
49
If the calculated maximum frequency is below 350 MHz, it
becomes the upper clock speed limit for the given
application conditions. The following eight derating charts
describe the safe frequency operation range for the
ASM2I9942P. The charts were calculated for a maximum
tolerable die junction temperature of 110
°C (120°C),
corresponding to an estimated MTBF of 9.1 years
(4 years), a supply voltage of 3.3V and series terminated
transmission line or capacitive loading. Depending on a
given set of these operating conditions and the available
device convection a decision on the maximum operating
frequency can be made.


Similar Part No. - ASM2I9942P

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C-32-ER ALSC-ASM2I9942C-32-ER Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C-32-ET ALSC-ASM2I9942C-32-ET Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C-32-LR ALSC-ASM2I9942C-32-LR Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
ASM2I9942C-32-LT ALSC-ASM2I9942C-32-LT Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - ASM2I9942P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
   Low Voltage 1:18 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
ON Semiconductor
ASM2I9940L ONSEMI-ASM2I9940L Datasheet
153Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
May, 2011 ??Rev. 0
logo
Alliance Semiconductor ...
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com