Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS9C25512M2018L-166TC Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS9C25512M2018L-166TC
Description  2.5V 512/256K x 18 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS9C25512M2018L-166TC Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS9C25512M2018L-166TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS9C25512M2018L-166TC Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AS9C25512M2018L
AS9C25256M2018L
9/24/04, v.1.2
Alliance Semiconductor
P. 11 of 30
®
IDD operating conditions and maximum limits[4] (VDD = 2.5 V ± 100 mV)
Notes:
1.
f=fMax implies address and controls (except OE) are cycling at maximum clock frequency using AC test conditions (Refer AC test conditions).
2. f = 0 implies address and controls are static. Corresponding current numbers indicated are true for both CMOS (VIN > VDDQ - 0.2V or VIN < 0.2V)
and TTL (VIN > VIH or VIN < VIL) level inputs.
3. CEA and CEB are internal signals (CEx = L implies CE0x < VIL and CE1x > VIH, CEx = H implies CE0x > VIH or CE1x < VIL).
4. Subscript 'x' represents 'A' for Port A and 'B' for Port B.
5. “A” and “B” are interchangeable.
Parameter
Symbol
Test Conditions
-250
-200
-166
-133
Units
Typ Max Typ Max Typ Max Typ Max
Operating current
(Both ports active)
Pipeline mode --
(PL/FT > VIH)
ICC
Both ports enabled (CEA = CEB = L[3]),
Outputs disabled (IOUT = 0mA), ZZA = ZZB < VIL,
f=fMax[1]
TBD TBD TBD
350
TBD
300
TBD
260
mA
Operating current
(Both ports active)
Flow-through mode
(PL/FT < VIL)
TBD TBD TBD TBD TBD TBD TBD TBD
mA
Standby current
(Both ports)
ISB1
Both ports disabled (CEA = CEB = H),
ZZA = ZZB < VIL,
f=fMax[1]
TBD TBD TBD
105
TBD
90
TBD
80
mA
Standby current
(One port)
ISB2
One port enabled (CEA = L and CEB = H)[5],
Active port's outputs disabled, ZZA = ZZB < VIL,
f=fMax[1]
TBD TBD TBD
265
TBD
225
TBD
190
mA
Full standby current
(Both ports)
ISB3
Both ports disabled (CEA = CEB = H),
ZZA = ZZB < VIL,
f=0[2]
20
25
20
25
20
25
20
25
mA
Full standby current
(One port)
ISB4
One port in Snooze (ZZA > VIH, ZZB < VIL, and
CEB = L)[5],
Active port's outputs disabled,
f=fMax[1]
TBD TBD TBD
265
TBD
225
TBD
190
mA
Snooze mode
current
IZZ
Both ports in Snooze (ZZA = ZZB > VIH),
f=fMax[1]
15
18
15
18
15
18
15
18
mA


Similar Part No. - AS9C25512M2018L-166TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS9C25128M2036L-133BC ALSC-AS9C25128M2036L-133BC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133BI ALSC-AS9C25128M2036L-133BI Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133FC ALSC-AS9C25128M2036L-133FC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133FI ALSC-AS9C25128M2036L-133FI Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
AS9C25128M2036L-133PC ALSC-AS9C25128M2036L-133PC Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
More results

Similar Description - AS9C25512M2018L-166TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS9C25256M2036L ALSC-AS9C25256M2036L Datasheet
1Mb / 30P
   2.5V 256/128K X 36 Synchronous Dual-port SRAM with 3.3V or 2.5V interface
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T633 RENESAS-70T633 Datasheet
513Kb / 28P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633 Datasheet
342Kb / 27P
   HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
List of Unclassifed Man...
IDT70T3509MS133BPI ETC2-IDT70T3509MS133BPI Datasheet
275Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com