Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E301 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # E301
Description  Engineering Catalog 169
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E301 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  E301 Datasheet HTML 1Page - Gilway Technical Lamp E301 Datasheet HTML 2Page - Gilway Technical Lamp E301 Datasheet HTML 3Page - Gilway Technical Lamp E301 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 and T-1¾ ,Ultra Bright, Red GaAlAs LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E169
T-1
Clear
360mcd
500mcd
50°
1.85V
2.50V
660nm
A
2
E170
T-1
Clear
500mcd
700mcd
50°
1.85V
2.50V
660nm
A
3
E171
T-1
Clear
700mcd
1000mcd
50°
1.85V
2.50V
660nm
A
4
E197
T-1
Clear
1200mcd
1400mcd
50°
1.85V
2.50V
660nm
A
5
E181
T-1¾
Clear
500mcd
1000mcd
30°
1.85V
2.5V
660nm
B
6
E183
T-1¾
Clear
1300mcd
1600mcd
30°
1.85V
2.5V
660nm
B
7
E184
T-1¾
Clear
2000mcd
3500mcd
30°
1.85V
2.5V
660nm
B
8
E301
T-1¾
Diffused
110mcd
200mcd
60°
1.85V
2.5V
660nm
B
9
E303
T-1¾
Diffused
200mcd
300mcd
60°
1.85V
2.5V
660nm
B
10
E304
T-1¾
Diffused
300mcd
500mcd
60°
1.85V
2.5V
660nm
B
RED
RED
RED
RED
RED
RED
RED
RED
RED
RED
A
1MAX
1
.5
1.5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
B
D
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
C
T-1 and T-1¾, Ultra Bright, Orange InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
11
E199
T-1
Orange
500mcd 1600mcd
50°
1.8V
2.3V
620nm
C
Translucent
12
E194
T-1¾
Orange
700mcd 3000mcd
30°
1.8V
2.3V
620nm
D
Translucent
ORANGE
ORANGE
F
E
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
T-1 and T-1¾, Ultra Bright , Yellow InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
13
E198
T-1
Yellow
300mcd
1000mcd
50°
2.0V
2.5V
595nm
E
Translucent
14
E195
T-1¾
Yellow
400mcd
1600mcd
30°
2.0V
2.5V
595nm
F
Translucent
YELLOW
YELLOW
64


Similar Part No. - E301

ManufacturerPart #DatasheetDescription
logo
C&K Components
E301 CK-COMPONENTS-E301 Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
E301 CK-COMPONENTS-E301 Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
logo
General Cable Technolog...
E3010S GENERAL-E3010S Datasheet
74Kb / 1P
   10C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
E3012S GENERAL-E3012S Datasheet
74Kb / 1P
   12C 22 7/30 BC FLEX FLEX Sound, Alarm & Security Cable
logo
ITT Industries
E301J1AB22 ITT-E301J1AB22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results

Similar Description - E301

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E40 GILWAY-E40 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
E164 GILWAY-E164 Datasheet
45Kb / 1P
   Engineering Catalog 169
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com