Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33512FT36A-10TQC Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C33512FT36A-10TQC
Description  3.3V 512K x 32/36 Flow-through synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512FT36A-10TQC Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C33512FT36A-10TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C33512FT36A-10TQC Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
®
AS7C33512FT32A
AS7C33512FT36A
12/23/04, v 1.4
Alliance Semiconductor
10 of 19
Timing characteristics over operating range
Snooze Mode Electrical Characteristics
Parameter
Sym
–75
–85
–10
Unit
Notes1
1
See “Notes” on page 16.
Min
Max
Min
Max
Min
Max
Cycle time
tCYC
8.5
10–12–
ns
Clock access time
tCD
7.5
8.5
10
ns
Output enable low to data valid
tOE
3.5
–4.0–4.0
ns
Clock high to output low Z
tLZC
2.5
2.5
2.5
ns
2,3,4
Data output invalid from clock high
tOH
3.0
3.0–3.0
ns
2
Output enable low to output low Z
tLZOE
0
0
0
ns
2,3,4
Output enable high to output high Z
tHZOE
-
3.5
4.0
-
4.0
ns
2,3,4
Clock high to output high Z
tHZC
-
4.0
3.5
-
3.8
ns
2,3,4
Output enable high to invalid output
tOHOE
0
0–0
ns
Clock high pulse width
tCH
2.5
3.0–4.0
ns
5
Clock low pulse width
tCL
2.5
3.0–4.0
ns
5
Address setup to clock high
tAS
2.0
2.0–2.0
ns
6
Data setup to clock high
tDS
2.0
2.0–2.0
ns
6
Write setup to clock high
tWS
2.0
2.0
2.0
ns
6,7
Chip select setup to clock high
tCSS
2.0
2.0
2.0
ns
6,8
Address hold from clock high
tAH
0.5
0.5–0.5
ns
6
Data hold from clock high
tDH
0.5
0.5–0.5
ns
6
Write hold from clock high
tWH
0.5
0.5
0.5
ns
6,7
Chip select hold from clock high
tCSH
0.5
0.5
0.5
ns
6,8
ADV setup to clock high
tADVS
2.0
2.0–2.0
ns
6
ADSP setup to clock high
tADSPS
2.0
2.0–2.0
ns
6
ADSC setup to clock high
tADSCS
2.0
2.0–2.0
ns
6
ADV hold from clock high
tADVH
0.5
0.5–0.5
ns
6
ADSP hold from clock high
tADSPH
0.5
0.5–0.5
ns
6
ADSC hold from clock high
tADSCH
0.5
0.5–0.5
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
50
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0cycle


Similar Part No. - AS7C33512FT36A-10TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQC ALSC-AS7C33512FT18A-10TQC Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQCN ALSC-AS7C33512FT18A-10TQCN Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQI ALSC-AS7C33512FT18A-10TQI Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQIN ALSC-AS7C33512FT18A-10TQIN Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
More results

Similar Description - AS7C33512FT36A-10TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MFT32A ALSC-AS7C251MFT32A Datasheet
520Kb / 19P
   2.5V 1M x 32/36 Flow-through synchronous SRAM
logo
Integrated Device Techn...
IDT71V433 IDT-IDT71V433 Datasheet
261Kb / 19P
   32K x 32 3.3V Synchronous SRAM Flow-Through Outputs
logo
Alliance Semiconductor ...
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com