Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33512FT18A-75TQIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C33512FT18A-75TQIN
Description  3.3V 512K x 18 Flow-through synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512FT18A-75TQIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C33512FT18A-75TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512FT18A-75TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
11/30/04, v 1.1
Alliance Semiconductor
2 of 19
AS7C33512FT18A
®
8 Mb Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 3.3V + 0.165V
2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O
VDDQ = 2.5V + 0.125V for 2.5V I/O
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
NTD1-PL
:
Pipelined Burst Synchronous SRAM with NTDTM
NTD-FT
:
Flow-through Burst Synchronous SRAM with NTDTM
Org
Part Number
Mode
Speed
512KX18
AS7C33512PFS18A
PL-SCD
166/133 MHz
256KX32
AS7C33256PFS32A
PL-SCD
166/133 MHz
256KX36
AS7C33256PFS36A
PL-SCD
166/133 MHz
512KX18
AS7C33512PFD18A
PL-DCD
166/133 MHz
256KX32
AS7C33256PFD32A
PL-DCD
166/133 MHz
256KX36
AS7C33256PFD36A
PL-DCD
166/133 MHz
512KX18
AS7C33512FT18A
FT
7.5/8.5/10 ns
256KX32
AS7C33256FT32A
FT
7.5/8.5/10 ns
256KX36
AS7C33256FT36A
FT
7.5/8.5/10 ns
512KX18
AS7C33512NTD18A
NTD-PL
166/133 MHz
256KX32
AS7C33256NTD32A
NTD-PL
166/133 MHz
256KX36
AS7C33256NTD36A
NTD-PL
166/133 MHz
512KX18
AS7C33512NTF18A
NTD-FT
7.5/8.5/10 ns
256KX32
AS7C33256NTF32A
NTD-FT
7.5/8.5/10 ns
256KX36
AS7C33256NTF36A
NTD-FT
7.5/8.5/10 ns
1NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of
their respective owners.


Similar Part No. - AS7C33512FT18A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A-10TQC ALSC-AS7C33512FT32A-10TQC Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A-10TQCN ALSC-AS7C33512FT32A-10TQCN Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A-10TQI ALSC-AS7C33512FT32A-10TQI Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A-10TQIN ALSC-AS7C33512FT32A-10TQIN Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
More results

Similar Description - AS7C33512FT18A-75TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
   18-Mb (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com