Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62009FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62009FP
Description  LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62009FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62009FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62009FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62009FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(
/ 3 )
ELECTRIC
MITSUBISHI
M62009L,P,FP
MITSUBISHI<Dig.Ana.INTERFACE>
LOW POWER 2 OUTPUT SYSTEM RESET IC WITH EXTERNAL INPUT
2
V
mW
/°C
ELECTRICAL CHARACTERISTICS(Ta=25°C, unless otherwise noted)
Symbol
Test conditions
Limits
Unit
Parameter
Min.
Typ.
Max.
ABSOLUTE MAXIMUM RATINGS(Ta=25°C, unless otherwise noted)
Symbol
Ratings
Unit
Supply voltage
8
Pd
Topr
Power dissipation
-55 ~ +125
Output sink current
Operating temperature
Vcc
Tstg
Storage temperature
-20 ~ +75
5
Vs 1-1
Detection voltage
3.8
Increase of Vcc1
Parameter
°C
°C
Conditions
ISINK
K
Thermal derating
(Ta
≥25°C)
800(SIP)/625(DIP)/440(FP)
mA
mW
2.00
µA
ICC
87
4.0
4.2
V
Vcc2=Detection voltage of hysteresis voltage
(Detection voltage=4V set up)
8(SIP)/6.25(DIP)/4.4(FP)
1.25
Reference voltage
mV
1
5
20
∆Vs
mS
50
Hysteresis voltage
Vs 1-2
Vs 2
ICC2-1
ICC2-2
td
Vsat
Detection voltage
Circuit Current
Circuit Current
Circuit Current
Delay time
Output saturation voltage
Decrease of Vcc1
Decrease of VI
Vcc1=Vcc2=5V
Vcc1=5V
Vcc2=0V
Vcc1=2.5V Vcc2=0V
Cd=0.33µF
VIN=5V Ic=4mA(NMOS)
1.85
2.15
1.20
1.30
7
30
0.2
0.4
4.5
V
V
V
µA
µA


Similar Part No. - M62009FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62009FP RENESAS-M62009FP Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
More results

Similar Description - M62009FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62009L RENESAS-M62009L Datasheet
99Kb / 7P
   Low Power 2 Output System Reset IC with External Input
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
   Low Power 2 Output System Reset IC
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
   Low Power 2 Output System Reset IC Series
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
Mitsumi Electronics, Co...
PST89XA MITSUMI-PST89XA Datasheet
198Kb / 14P
   System Reset IC with delay
PST89XB MITSUMI-PST89XB Datasheet
144Kb / 17P
   System Reset IC with delay
logo
KODENSHI_AUK CORP.
BMR-0301 KODENSHI-BMR-0301 Datasheet
312Kb / 2P
   System Reset IC
BMR-0201 KODENSHI-BMR-0201 Datasheet
314Kb / 2P
   System Reset IC
logo
Rohm
BD47XXG ROHM-BD47XXG Datasheet
175Kb / 6P
   System Reset IC
logo
New Japan Radio
NJM2103 NJRC-NJM2103 Datasheet
291Kb / 9P
   SYSTEM RESET IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com