Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4B-EH-TV4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B4B-EH-TV4
Description  Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B4B-EH-TV4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B4B-EH-TV4 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4B-EH-TV4 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4B-EH-TV4 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4B-EH-TV4 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4B-EH-TV4 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4B-EH-TV4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54
EH CONNECTOR
7.5(.295)
2.2(.087)
2.5(.098)
4.4
(.173)
0.64(.025) dia.
A
B
2.5(.098)
2.5(.098)
0.64(.025) dia.
2.2(.087)
4.4
(.173)
0.64(.025) dia.
TS type
(2 circuits)
(3 to 8 circuits)
A
B
2.5(.098)
2.5(.098)
0.64(.025)
2.2(.087)
4.4
(.173)
[0.7(.028) dia.]
[0.7(.028) dia.]
TV4 type
Shrouded header on radial-tape –––––––––––––––––––––––––––––––––––––––––––––
<Taping specifications conform to EIAJ-RC-1008B and JIS C0805.>
•The shrouded headers are interchangeable with those of the HR crimp style and insulation displacement connectors .
•Shrouded headers on radial-tape are not TU
¨ V approved.
Model No.
Q'ty /
box
Cir-
cuits
Dimensions mm(in.)
AB
Material and Finish
2
3
4
5
6
7
8
B2B-EH-TS
B3B-EH-TS
B4B-EH-TS
B5B-EH-TS
B6B-EH-TS
B7B-EH-TS
B8B-EH-TS
-
5.0(.197)
7.5(.295)
10.0(.394)
12.5(.492)
15.0(.591)
17.5(.689)
-
10.0(.394)
12.5(.492)
15.0(.591)
17.5(.689)
20.0(.787)
22.5(.886)
1,400
1,400
700
700
700
700
700
Pin: Brass, copper-undercoated, tin/lead-plated
Wafer: Nylon 66, UL94V-0, natural (white)
Model No.
Q'ty /
box
Cir-
cuits
Dimensions mm(in.)
AB
Material and Finish
3
4
5
6
7
8
B3B-EH-TV4
B4B-EH-TV4
B5B-EH-TV4
B6B-EH-TV4
B7B-EH-TV4
B8B-EH-TV4
5.0(.197)
7.5(.295)
10.0(.394)
12.5(.492)
15.0(.591)
17.5(.689)
10.0(.394)
12.5(.492)
15.0(.591)
17.5(.689)
20.0(.787)
22.5(.886)
1,400
700
700
700
700
700
Post: Brass, copper-undercoated, tin/lead-plated
Wafer: Nylon 66, UL94V-0, natural (white)
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-EH-TS-o o-
(blank)…natural (white)
K…black R…red E…blue Y…yellow M…green N…brown


Similar Part No. - B4B-EH-TV4

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B4B-EH-TV4 JST-B4B-EH-TV4 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B4B-EH-TV4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com