Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33256PFD32A Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFD32A
Description  3.3V 256K x 32/36 pipelined burst synchronous SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFD32A Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C33256PFD32A Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AS7C33256PFD32A
AS7C33256PFD36A
®
12/1/04, v.1.2
Alliance Semiconductor
P. 11 of 20
Snooze Mode Electrical Characteristics
Timing characteristics for 2.5 V I/O operation
Parameter
Symbol
–166
–133
Unit
Notes1
Min
Max
Min
Max
Clock frequency
fMax
–166
–133
MHz
Cycle time
tCYC
6
7.5
ns
Clock access time
tCD
-3.8
-4.2
ns
Output enable low to data valid
tOE
–3.5
–4.0
ns
Clock high to output low Z
tLZC
0–0
ns
2,3,4
Data output invalid from clock high
tOH
1.5
1.5
ns
2
Output enable low to output low Z
tLZOE
0–0
ns
2,3,4
Output enable high to output high Z
tHZOE
3.5
4.0
ns
2,3,4
Clock high to output high Z
tHZC
3.5
4.0
ns
2,3,4
Output enable high to invalid output
tOHOE
0–0
ns
Clock high pulse width
tCH
2.4
2.5
ns
5
Clock low pulse width
tCL
2.3
2.5
ns
5
Address setup to clock high
tAS
1.7
1.7
ns
6
Data setup to clock high
tDS
1.7
1.7
ns
6
Write setup to clock high
tWS
1.7
1.7
ns
6,7
Chip select setup to clock high
tCSS
1.7
1.7
ns
6,8
Address hold from clock high
tAH
0.7
0.7
ns
6
Data hold from clock high
tDH
0.7
0.7
ns
6
Write hold from clock high
tWH
0.7
0.7
ns
6,7
Chip select hold from clock high
tCSH
0.7
0.7
ns
6,8
ADV setup to clock high
tADVS
1.7
1.7
ns
6
ADSP setup to clock high
tADSPS
1.7
1.7
ns
6
ADSC setup to clock high
tADSCS
1.7
1.7
ns
6
ADV hold from clock high
tADVH
0.7
0.7
ns
6
ADSP hold from clock high
tADSPH
0.7
0.7
ns
6
ADSC hold from clock high
tADSCH
0.7
0.7
ns
6
1
See “Notes” on page 17
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
30
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0


Similar Part No. - AS7C33256PFD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B-133TQC ALSC-AS7C33256PFD18B-133TQC Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B-133TQCN ALSC-AS7C33256PFD18B-133TQCN Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B-133TQI ALSC-AS7C33256PFD18B-133TQI Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B-133TQIN ALSC-AS7C33256PFD18B-133TQIN Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33256PFD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com