Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B15B-EH-A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B15B-EH-A
Description  Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B15B-EH-A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B15B-EH-A Datasheet HTML 1Page - List of Unclassifed Manufacturers B15B-EH-A Datasheet HTML 2Page - List of Unclassifed Manufacturers B15B-EH-A Datasheet HTML 3Page - List of Unclassifed Manufacturers B15B-EH-A Datasheet HTML 4Page - List of Unclassifed Manufacturers B15B-EH-A Datasheet HTML 5Page - List of Unclassifed Manufacturers B15B-EH-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
55
55
Package type
Distance between folds
Box size
Distance between the end of the
tape and the first connector´s
center line (either end)
Flat pack (zigzag folded)
24 indexing holes per fold (304.8mm/12")
(316x45x330mm)12.4"(W)x1.8"(D) x13.0"(H)
19.05mm(.750")
Packaging specifications –––––––––––––––––––––––––––––––––––––––––––––––––––
(.173)
4.4
2.5
±0.05
(.098
±.002)
2.5
(.098)min.
0.9
+ 0.1
(.035
+.004 )dia.
0
0
TERMINALS
& CONNEC
TORS
R
D
H
W
Lead tape
Tail tape
Distance between the end of the tape and the first connector's center
line (either end)
EH CONNECTOR
PC board layout (viewed from soldering side) and Assembly layout –––––––––––––––––––
Note:
1. Tolerances are non-cumulative: ±0.05mm(±.002" ) for all centers.
2. Hole dimension differ according to the kind of PC board and piercing method. If PC boards made of hard material such as FR-4 are used, the hole dimensions
should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
12.7(.500)
2 and 3 circuits: 12.7(.500)
4 to 8 circuits: 25.4(1.000)
4.0
(.157)dia.
2circuits: 5.1(.201)
3 to 8 circuits: 3.85(.152)
2circuits: 2.5(.098)
3 to 8 circuits: 5.0(.197)
Note: Conforms to JIS C0825.


Similar Part No. - B15B-EH-A

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B15B-EH-A JST-B15B-EH-A Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B15B-EH-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com