Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP-501N Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # DSP-501N
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSP-501N Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button DSP-501N Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 9Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 10Page - Mitsubishi Electric Semiconductor DSP-501N Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
機械
L1
L2
電源
SA1
SA2
シャーシ
GND
インバータ
電源
R相
AC200V∼AC240V
3相電源
T相
DSANR-5
DSANR-3
DSANR-3
DSANR-3
シャーシ
Chassis
GND
S相
L1
L2
SA1
GND
SA2
1.
AC耐電圧試験を必要とする電源
2.
高信頼性電源
4.
TVアンテナ回路
3.
3相電源を使用する機器
5.
センサー及びデータライン
条件
ノーマルモード(L1∼L2間)
定格回路電圧
SA1
AC125V
コモンモード(L1, L2∼GND間)
SA2
Test is not required
AC1200V
AC1500V
AC1800V
AC2000V
DSANR-1
DSAZR1-301L
DSANR-1
DSAZR1-301L
DSANR-4
DSAZR1-242M
DSANR-5
DSAZR1-302M
DSANR-6
DSAZR1-362M
DSANR-10B
DSAZR1-452M
AC250V
DSANR-3
DSAZR2-501M
DSANR-3
DSAZR2-501M
DSAZR2-242M
DSANR-5
DSAZR2-302M
DSANR-6A
DSAZR2-362M
DSANR-10B
DSAZR2-452M
AC耐電圧試験条件
使用例:SW電源、インバータ電源、OA機器及び家電機器の電源
SA1
SA1:DSS-201M
SA2:DSSA-P0300EA70, DSSA-P0300SA
内側
外側
SA2
AC125V
ANT
CATV
DSAZR
※(R・S・T相)-GND間にAC1500V絶縁耐圧試験が実施される場合の実施例です。
Equipment
Power supply
Chassis
Inverter-
power
supply
R phase
3-phase power supply
T phase
S phase
Power supply requiring AC withstanding
voltage test
High quality supply
TV tuner circuit : cold chassis
Equipment using a three-phase
power supply
Sensor and data line
Conditions
Normal mode (Between L1 and L2)
Rated voltage
Common mod (Between L1, L2~GND)
AC withstanding voltage test condition
Applications : SW power supply, inverter power supply, power supply of office and home appliance
In side
Out side
※ Example of a dielectric withstanding voltage test carried out at a voltage of
  AC 1500V applied between the RST phases and the ground.
24


Similar Part No. - DSP-501N

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DSP-502 SYNERGY-DSP-502 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
DSP-504 SYNERGY-DSP-504 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSP-506 SYNERGY-DSP-506 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
DSP-507 SYNERGY-DSP-507 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
More results

Similar Description - DSP-501N

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com