Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128PFD36B-133TQI Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFD36B-133TQI
Description  3.3V 128K X 32/36 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFD36B-133TQI Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C33128PFD36B-133TQI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFD36B-133TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AS7C33128PFD32B
AS7C33128PFD36B
®
1/31/05; v.1.1
Alliance Semiconductor
P. 5 of 19
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of
SNOOZE MODE is dictated by the length of time the ZZ is in a High state.
The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE.
When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ is
disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete.
Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting
SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE
MODE.
Signal descriptions
Signal
I/O
Properties
Description
CLK
I
CLOCK
Clock. All inputs except OE, ZZ, LBO are synchronous to this clock.
A,A0,A1
I
SYNC
Address. Sampled when all chip enables are active and ADSC or ADSP are asserted.
DQ[a,b,c,d]
I/O
SYNC
Data. Driven as output when the chip is enabled and OE is active.
CE0
I
SYNC
Master chip enable. Sampled on clock edges when ADSP or ADSC is active. When CE0
is inactive, ADSP is blocked. Refer to the Synchronous Truth Table for more information.
CE1, CE2
I
SYNC
Synchronous chip enables. Active HIGH and active Low, respectively. Sampled on clock
edges when ADSC is active or when CE0 and ADSP are active.
ADSP
I
SYNC
Address strobe processor. Asserted LOW to load a new bus address or to enter standby
mode.
ADSC
I
SYNC
Address strobe controller. Asserted LOW to load a new address or to enter standby mode.
ADV
I
SYNC
Advance. Asserted LOW to continue burst read/write.
GWE
I
SYNC
Global write enable. Asserted LOW to write all 32/36 bits. When High, BWE and
BW[a:d] control write enable.
BWE
I
SYNC
Byte write enable. Asserted LOW with GWE = HIGH to enable effect of BW[a:d] inputs.
BW[a,b,c,d]
I
SYNC
Write enables. Used to control write of individual bytes when GWE = HIGH and BWE =
Low. If any of BW[a:d] is active with GWE = HIGH and BWE = LOW the cycle is a
write cycle. If all BW[a:d] are inactive the cycle is a read cycle.
OE
I
ASYNC
Asynchronous output enable. I/O pins are driven when OE is active and the chip is in read
mode.
LBO
ISTATIC
Selects Burst mode. When tied to VDD or left floating, device follows Interleaved Burst
order. When driven Low, device follows linear Burst order. This signal is internally
pulled High.
ZZ
I
ASYNC
Snooze. Places device in low power mode; data is retained. Connect to GND if unused.
NC
-
-
No connect


Similar Part No. - AS7C33128PFD36B-133TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD36A ALSC-AS7C33128PFD36A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD36A-100TQC ALSC-AS7C33128PFD36A-100TQC Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD36A-100TQI ALSC-AS7C33128PFD36A-100TQI Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD36A-133TQC ALSC-AS7C33128PFD36A-133TQC Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD36A-133TQI ALSC-AS7C33128PFD36A-133TQI Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33128PFD36B-133TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
List of Unclassifed Man...
GVT71128D32 ETC1-GVT71128D32 Datasheet
56Kb / 13P
   128K X 32 SYNCHRONOUS BURST SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com