Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128PFS18B-166TQCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS18B-166TQCN
Description  3.3V 128K x 18 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS18B-166TQCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C33128PFS18B-166TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS18B-166TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS7C33128PFS18B
®
12/10/04; v.1.4
Alliance Semiconductor
P. 2 of 19
2 Mb Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 3.3V + 0.165V
2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O
VDDQ = 2.5V + 0.125V for 2.5V I/O
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
Org
Part Number
Mode
Speed
128KX18
AS7C33128PFS18B
PL-SCD
200/166/133 MHz
64KX32
AS7C3364PFS32B
PL-SCD
200/166/133 MHz
64KX36
AS7C3364PFS36B
PL-SCD
200/166/133 MHz
128KX18
AS7C33128PFD18B
PL-DCD
200/166/133 MHz
64KX32
AS7C3364PFD32B
PL-DCD
200/166/133 MHz
64KX36
AS7C3364PFD36B
PL-DCD
200/166/133 MHz
128KX18
AS7C33128FT18B
FT
6.5/7.5/8.0/10 ns
64KX32
AS7C3364FT32B
FT
6.5/7.5/8.0/10 ns
64KX36
AS7C3364FT36B
FT
6.5/7.5/8.0/10 ns


Similar Part No. - AS7C33128PFS18B-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-100TQC ALSC-AS7C33128PFS32A-100TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-100TQI ALSC-AS7C33128PFS32A-100TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-133TQC ALSC-AS7C33128PFS32A-133TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-133TQI ALSC-AS7C33128PFS32A-133TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33128PFS18B-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com