Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128PFS18B-200TQCN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS18B-200TQCN
Description  3.3V 128K x 18 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS18B-200TQCN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C33128PFS18B-200TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS18B-200TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
®
AS7C33128PFS18B
12/10/04; v.1.4
Alliance Semiconductor
P. 3 of 19
Pin arrangement
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
NC
VDD
NC
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQpb
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A
NC
NC
VDDQ
VSSQ
NC
DQpa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
VDD
TQFP 14 × 20mm


Similar Part No. - AS7C33128PFS18B-200TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-100TQC ALSC-AS7C33128PFS32A-100TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-100TQI ALSC-AS7C33128PFS32A-100TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-133TQC ALSC-AS7C33128PFS32A-133TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A-133TQI ALSC-AS7C33128PFS32A-133TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33128PFS18B-200TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com