Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSAZR1-242M Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # DSAZR1-242M
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSAZR1-242M Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button DSAZR1-242M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 10Page - Mitsubishi Electric Semiconductor DSAZR1-242M Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
電源の誘導雷対策
Indirect lightning protection
静電気対策
Static electricty protection
通信関係対策
Communication related protection
通信関係対策
Communication related protection
通信関係対策
Communication related protection
通信関係(AC電源の混触)
Communications (AC power cross)
●急峻な静電気に対し応答性が良い
●明所暗所の差がない
●絶縁抵抗値が非常に高い:10
8Ω以上
●静電容量が小さい:1pF以下
●極性がない
サージ対策でお困りでは?
●開発中の機器がUL規格等にパスできない。
●市場で電子機器が誘導雷によって破壊されるので対策をしたい。
三菱マテリアルセラミックス工場では、各種規格に対応したインパルス電圧
発生器&インパルス電流発生器を用意し、お客様のお立会のもとでサージ試
験を行い、サージ対策のソリューションをご提案いたします。
Troubled with surge requirements?
●Products being developed can′
t meet UL standards.
●Need to protect equipment from indirect lightning surges in the field.
At the Mitsubishi Materials ceramic factory, customers can come and observe
testhing of their product with the latest impulse voltage and current
generators that can duplicate the test requirements of the various worldwide
standards agencies. From these tests we can recommend the best solution to
help you pass requirements.
■マイクロギャップ方式の特長
●Response to quick rise time of static electricity is good.
●Same quick response in dark or light. 
● High Insulation Resistance: Greater than 10
8Ω.
●Low Capacitance: Less than 1pF.
●No polarity.
■Features of the Micro-Gap
■Test Observance Lab
■サージアブソーバ関連規格
JEC規格
JEC standard
関連規格
Reference standard
IEC61000-4-5準拠
IEC61000-4-5 conformance
IEC61000-4-2準拠
IEC61000-4-2 conformance
FCC規格
FCC standard
FCC規格
FCC standard
FCC規格準拠
FCC standard conformance
その他
others
IEEE
UL規格
UL standards
他の放電管
typical gas tube
マイクロギャップ式
サージアブソーバ
Micro-gap surge
absorber
equipment surge limit
機器のサージ耐圧
DC spark-over
voltage
直流放電開始電圧
時間
time
varistor
波形
Wave form
1.2/50μs 30kVmax
備考
comments
電源の誘導雷対策
Indirect lightning protection
8/20μs 6kAmax
1.2/50μs 15kV 8/20μs7.5kA
150pF 330Ω 30kVmax
10/560μs 800V 100A
10/160μs 1.5kV 200A
10/700μs 15kVmax
AC600V 40A 1.5s
AC600V 7A 5s
AC600V 2.2A 30min
∼AC600Vまでの過電圧
Over-voltage to AC600V
矩形波 パルス幅50∼1000ns 4kVmax 30∼60Hz
Rectangular wave, pulse width 50∼1000ns, 4kV max, 30∼60Hz
2/10μs 2.5kV 1kA
10/200μs 20kVmax
0.5/700μs 6kVmax
100/700μs 5kVmax
0.5μ-100kHz 6kVmax
バリスタ
28


Similar Part No. - DSAZR1-242M

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
DSAZ204A KEYSIGHT-DSAZ204A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ204A KEYSIGHT-DSAZ204A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ204A KEYSIGHT-DSAZ204A Datasheet
4Mb / 44P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
More results

Similar Description - DSAZR1-242M

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com