Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

880NM Datasheet(PDF) 8 Page - Gilway Technical Lamp

Part # 880NM
Description  SMT LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

880NM Datasheet(HTML) 8 Page - Gilway Technical Lamp

  880NM Datasheet HTML 1Page - Gilway Technical Lamp 880NM Datasheet HTML 2Page - Gilway Technical Lamp 880NM Datasheet HTML 3Page - Gilway Technical Lamp 880NM Datasheet HTML 4Page - Gilway Technical Lamp 880NM Datasheet HTML 5Page - Gilway Technical Lamp 880NM Datasheet HTML 6Page - Gilway Technical Lamp 880NM Datasheet HTML 7Page - Gilway Technical Lamp 880NM Datasheet HTML 8Page - Gilway Technical Lamp 880NM Datasheet HTML 9Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
940nm (GaAs)
LED TECHNICAL DATA
880nm (GaAlAs)
WHITE
91


Similar Part No. - 880NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
880 ETC2-880 Datasheet
1Mb / 8P
   40,000 counts resolution on primary and 10,000 counts resolution on secondary display
logo
B&K Precision Corporati...
880 BK-880 Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Keystone Electronics Co...
880 KEYSTONE-880 Datasheet
186Kb / 1P
   NYLON THRU-HOLE SPACER
REV. A
logo
Glenair, Inc.
880-001P GLENAIR-880-001P Datasheet
410Kb / 2P
   Cable Plug with Pigtail Wires
880-002R GLENAIR-880-002R Datasheet
402Kb / 2P
   Cable Receptacle with Pigtail
More results

Similar Description - 880NM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLXH1102 TOSHIBA-TLXH1102 Datasheet
292Kb / 6P
   SMT LEDs
logo
Visual Communications C...
CMD91-21 VCC-CMD91-21 Datasheet
741Kb / 1P
   SMT LEDs
CMD67-22 VCC-CMD67-22 Datasheet
582Kb / 1P
   SMT LEDs
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
   SMT LEDs
CMD67-21 VCC-CMD67-21 Datasheet
613Kb / 1P
   SMT LEDs
CMD93-21 VCC-CMD93-21 Datasheet
646Kb / 1P
   SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
   Bicolor SMT LEDs
CMD67-21UWC VCC-CMD67-21UWC Datasheet
543Kb / 1P
   White SMT LEDs
7016X VCC-7016X Datasheet
827Kb / 1P
   Bicolor SMT LEDs
7011X VCC-7011X Datasheet
627Kb / 1P
   Bicolor SMT LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com