Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EHR-7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EHR-7
Description  Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EHR-7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EHR-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers EHR-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers EHR-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers EHR-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers EHR-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers EHR-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
51
2
345
This, the thinnest, 2.5mm (.098") pitch
connector, is 8.1mm (.319") in height after
mounting and 3.8mm (.150") in width. It is
designed to meet the demand for the high-
density connection of internal wires to
printed circuit boards. It is compact, highly
reliable and low in cost.
Features ––––––––––––––––––––––––
• Compact and slim
This connector is designed to be compact and unusually thin.
It measures only 8.1mm (.319") high after mounting and is just
3.8mm (.150") wide.
• Highly reliable contact
The contact has long dimples near the center that ensure
continuity of low voltage and low current circuits at all times,
even under conditions of vibration and abusive prying.
• Polarizing guides
The header and housing have guides to prevent improper
mating.
• Whisker prevention
The contact material is treated with a reflow process, and the
square post is copper-undercoated and tin/lead-plated for
whisker prevention.
• Easy and effective crimping
Although the contact is compact, it has a long wire strip length,
2.6±0.4mm (.102"±.016"). This long length is very useful for
automatic crimping and when crimping shielded wires.
Specifications –––––––––––––––––––
• Current rating:3A AC, DC (AWG#22)
• Voltage rating:250V AC, DC
• Temperature range:-25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance:Initial value/10m Ω max.
After environmental testing/20m Ω max.
• Insulation resistance:1,000M Ω min.
• Withstanding voltage:800V AC/minute
• Applicable wire:AWG #32 to #22
• Applicable PC board thickness:0.8 to 1.6mm(.031" to .063")
* Contact JST for details.
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
2R75089
EH CONNECTOR
Disconnectable Crimp style connectors
2.5mm
(.098") pitch
Crimp
Radial Tape


Similar Part No. - EHR-7

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
EHR-7 JST-EHR-7 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - EHR-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com