Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

565NM Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # 565NM
Description  SMT LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

565NM Datasheet(HTML) 3 Page - Gilway Technical Lamp

  565NM Datasheet HTML 1Page - Gilway Technical Lamp 565NM Datasheet HTML 2Page - Gilway Technical Lamp 565NM Datasheet HTML 3Page - Gilway Technical Lamp 565NM Datasheet HTML 4Page - Gilway Technical Lamp 565NM Datasheet HTML 5Page - Gilway Technical Lamp 565NM Datasheet HTML 6Page - Gilway Technical Lamp 565NM Datasheet HTML 7Page - Gilway Technical Lamp 565NM Datasheet HTML 8Page - Gilway Technical Lamp 565NM Datasheet HTML 9Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
610nm
(GaAsP/
GaP)
620nm
(InGaAlP)
625nm
(GaAsP/
GaP)
660nm
(GaAlAs)
700nm
(GaP)
880nm
(GaAlAs)
940nm
(GaAs)
Unit
LED TECHNICAL DATA
LEDs
5
30
150
105
-40 to +85
-40 to +85
610nm
(GaAsP/
GaP)
Reverse Voltage
Forward Current
Forward Current (Peak)
t
≤10us
Power Dissipation
Operating Temperature
Storage Temperature
V
mA
mA
mW
oC
oC
Forward Voltage (typ.)
I
F=20mA
Forward Voltage (max.)
I
F=20mA
Reverse Current
V
R=5V
Wavelength at Peak
Emmission
I
F=20mA
Spectral line half-width
I
F=20mA
Capacitance
V
F=0V, f=1MHz
620nm
(InGaAlP)
625nm
(GaAsP/
GaP)
660nm
(GaAlAs)
700nm
(GaP)
880nm
(GaAlAs)
940nm
(GaAs)
Unit
5
50
1200
100
-40 to +85
-40 to +85
5
50
1200
100
-40 to +85
-40 to +85
5
25
150
120
-40 to +85
-40 to +85
5
30
150
100
-40 to +85
-40 to +85
5
30
150
105
-40 to +85
-40 to +85
5
30
150
75
-40 to +85
-40 to +85
V
V
uA
nm
nm
pF
1.95
2.5
10
620
15
40
2.0
2.5
10
625
45
12
2.0
2.5
10
700
45
40
1.85
2.5
10
660
20
95
1.4
1.7
10
880
50
90
1.2
1.5
10
940
50
90
Operating
Characteristics
(TA=25oC)
2.0
2.6
10
610
35
15
Absolute Maximum
Ratings
(TA=25°C)
86


Similar Part No. - 565NM

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
565 OSCILENT-565 Datasheet
135Kb / 2P
   HCMOS / TTL Output
logo
EDAC, All Rights Reserv...
565-002-000-310 EDAC-565-002-000-310 Datasheet
566Kb / 3P
   565 Series IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-310 EDAC-565-002-000-310 Datasheet
81Kb / 1P
   565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-311 EDAC-565-002-000-311 Datasheet
566Kb / 3P
   565 Series IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
565-002-000-311 EDAC-565-002-000-311 Datasheet
80Kb / 1P
   565 Series,IP67 | E-Seal | In-Line Waterproof Connectors | 2.50mm Pitch
More results

Similar Description - 565NM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLXH1102 TOSHIBA-TLXH1102 Datasheet
292Kb / 6P
   SMT LEDs
logo
Visual Communications C...
CMD91-21 VCC-CMD91-21 Datasheet
741Kb / 1P
   SMT LEDs
CMD67-22 VCC-CMD67-22 Datasheet
582Kb / 1P
   SMT LEDs
CMD28-21 VCC-CMD28-21 Datasheet
662Kb / 1P
   SMT LEDs
CMD67-21 VCC-CMD67-21 Datasheet
613Kb / 1P
   SMT LEDs
CMD93-21 VCC-CMD93-21 Datasheet
646Kb / 1P
   SMT LEDs
7018X VCC-7018X Datasheet
589Kb / 1P
   Bicolor SMT LEDs
CMD67-21UWC VCC-CMD67-21UWC Datasheet
543Kb / 1P
   White SMT LEDs
7016X VCC-7016X Datasheet
827Kb / 1P
   Bicolor SMT LEDs
7011X VCC-7011X Datasheet
627Kb / 1P
   Bicolor SMT LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com