Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW16212 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MJW16212
Description  POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW16212 Datasheet(HTML) 6 Page - ON Semiconductor

  MJW16212 Datasheet HTML 1Page - ON Semiconductor MJW16212 Datasheet HTML 2Page - ON Semiconductor MJW16212 Datasheet HTML 3Page - ON Semiconductor MJW16212 Datasheet HTML 4Page - ON Semiconductor MJW16212 Datasheet HTML 5Page - ON Semiconductor MJW16212 Datasheet HTML 6Page - ON Semiconductor MJW16212 Datasheet HTML 7Page - ON Semiconductor MJW16212 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJW16212
3–6
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (A)
Figure 11. Typical Resistive Storage Time
15
5
2
3
7
12
7
5
3
IC, COLLECTOR CURRENT (A)
Figure 12. Typical Resistive Fall Time
700
100
300
1500
23
5
7
110
200
500
βf = 5
TJ = 25°C
IB2 = IB1
IB2 = 2 (IB1)
βf = 5
TJ = 25°C
IB2 = IB1
IB2 = 2 (IB1)
10
1000
1
10
15
15
ts and tf
+15
150
Ω 100 Ω
100
µF
MTP8P10
MPF930
MPF930
MUR105
MJE210
150
500
µF
Voff
50
+10 V
MTP12N10
MTP8P10
RB1
RB2
A
1
µF
1
µF
T.U.T.
*IC
*IB
A
RL
VCC
V(off) adjusted
to give specified
off drive
VCC
250 V
RL
28
IC
5.5 A
IB1
1.1 A
IB2
Per Spec
RB1
3.3
RB2
Per Spec
Table 3. Resistive Load Switching
t, TIME (ms)
0.01
110
0.1
1
0.2
0.1
0.05
R
θJC(t) = r(t) RθJC
R
θJC = 0.7°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
Figure 13. Thermal Response
0.5
D = 0.5
100
1000
10000
0.2
0.1


Similar Part No. - MJW16212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
   POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
More results

Similar Description - MJW16212

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com