Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79514 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79514
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79514 Datasheet HTML 1Page - Advanced Micro Devices AM79514 Datasheet HTML 2Page - Advanced Micro Devices AM79514 Datasheet HTML 3Page - Advanced Micro Devices AM79514 Datasheet HTML 4Page - Advanced Micro Devices AM79514 Datasheet HTML 5Page - Advanced Micro Devices AM79514 Datasheet HTML 6Page - Advanced Micro Devices AM79514 Datasheet HTML 7Page - Advanced Micro Devices AM79514 Datasheet HTML 8Page - Advanced Micro Devices AM79514 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Publication# 18411
Rev: D Amendment: /0
Issue Date: October 1999
Am79514
Subscriber Line Interface Circuit
DISTINCTIVE CHARACTERISTICS
s Programmable constant-current feed
s Programmable loop-detect threshold
s On-chip switching regulator for low-power
dissipation
s Polarity reversal feature
s Optimized for –60 V battery
s Line feed characteristics independent of
battery variations
s Two-wire impedance set by single external
impedance
s Tip Open state for ground-start lines
s Ring and test relay drivers
s On-hook transmission
BLOCK DIAGRAM
VTX
DET
VREG
VBAT
Signal
Transmission
Input Decoder
and Control
Ground-Key
Detector
Ring Relay Driver
Test Relay Driver
Off-Hook
Detector
Power-Feed
Controller
Ring-Trip
Detector
Switching
Regulator
TESTOUT
RINGOUT
RD
RDC
L
Two-Wire
A(TIP)
HPA
HPB
B(RING)
BGND
DA
DB
CHS QBAT CHCLK
VCC
VEE
AGND/DGND
E1
C4
C2
C3
C1
Interface
RSN
Ring Relay Driver


Similar Part No. - AM79514

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79534 AMD-AM79534 Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1DC AMD-AM79534-1DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-1JC AMD-AM79534-1JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2DC AMD-AM79534-2DC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
AM79534-2JC AMD-AM79534-2JC Datasheet
266Kb / 20P
   Subscriber Line Interface Circuit
More results

Similar Description - AM79514

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com