Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128NTF36B-80TQIN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTF36B-80TQIN
Description  3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTF36B-80TQIN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33128NTF36B-80TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTF36B-80TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33128NTF32B
AS7C33128NTF36B
4/13/05, v 1.3
Alliance Semiconductor
P. 1 of 18
3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM
Features
• Organization: 131,072 words × 32 or 36 bits
•NTDarchitecture for efficient bus operation
• Fast clock to data access: 7.5/8.0/10.0 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous operation
• Flow-through mode
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Byte write enables
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed write cycles
• Interleaved or linear burst modes
• Snooze mode for standby operation
Logic block diagram
Selection guide
-75
-80
-10
Units
Minimum cycle time
8.5
10
12
ns
Maximum clock access time
7.5
8.0
10
ns
Maximum operating current
260
230
200
mA
Maximum standby current
110
100
90
mA
Maximum CMOS standby current (DC)
30
30
30
mA
Address
D
Q
CLK
register
Output
Buffer
DQ[a,b,c,d]
17
17
CLK
CE0
CE1
CE2
A[16:0]
OE
CEN
Control
CLK
logic
Data
D
Q
CLK
Input
Register
32/36
32/36
OE
128K x 32/36
SRAM
Array
R/W
DQ[a,b,c,d]
BWb
BWd
CLK
Q
D
ADV / LD
LBO
Burst logic
addr. registers
Write delay
17
ZZ
CLK
32/36
32/36
32/36
32/36
BWc
BWa


Similar Part No. - AS7C33128NTF36B-80TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQC ALSC-AS7C33128NTF18B-10TQC Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQCN ALSC-AS7C33128NTF18B-10TQCN Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQI ALSC-AS7C33128NTF18B-10TQI Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B-10TQIN ALSC-AS7C33128NTF18B-10TQIN Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
More results

Similar Description - AS7C33128NTF36B-80TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
   3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF18B ALSC-AS7C33128NTF18B Datasheet
429Kb / 19P
   3.3V 128K x 18 Flowthrough Synchronous SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF32A ALSC-AS7C33256NTF32A Datasheet
427Kb / 18P
   3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
   3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com