Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSSV-301M-T5 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # DSSV-301M-T5
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSSV-301M-T5 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button DSSV-301M-T5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor DSSV-301M-T5 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
■包装数量・包装形態
袋詰め 〈S00B〉
120mm
150mm
フラットパック 〈A21F・A22F〉
C
255mm
B
75mm
A
68mm
A
C
B
C
335mm
B
183mm
A
48mm
C04F
フラットパック 〈C04F〉
A
C
B
C
255mm
B
85mm
A
47mm
フラットパック 〈A11F・A12F〉
A
C
B
C
400max
W
68mm
B
φ35min
A
φ14min
リール巻 〈A21R・A22R〉
C
W
B
A
C04F:2000個/箱
1000個/箱
アキシャルテーピング(リール巻)
A21R:4000個/リール
C04R:3000個/リール
アキシャルテーピング(箱詰め)
ラジアルテーピング(リール巻)
ラジアルテーピング(箱詰め)
A21F:2000個/箱
アキシャルテーピング(箱詰め)
A11F:2000個/箱
バラ袋詰め
B type:500個/袋
F type:100個/袋
形   態
DA53
:数量
DSA
:数量
DSP, 高電圧DSP:数量
DSS, 高電圧DSS:数量
A22R:3000個/リール
A22F:1000個/箱
A12F:1000個/箱
A type:100個/袋
S type:200個/袋
-E15E:100個/袋
-E25E:100個/袋
-05F25:100個/袋
-U10T:100個/袋
Packing quantity·Packing form
Bulk
<S00B>
Ammo pack
<A21F·A22F>
Ammo pack
<C04F>
C
350
B
254
A
200
D04F-1
フラットパック 〈DB60〉
A
C
B
Ammo pack
<DB60>
Ammo pack
<A11F·A12F>
Reel
<A21R·A22R>
Axial taping
(in reel)
A21R:4000pcs/reel
C04R:3000pcs/reel
Axial taping
(in box)
Radial taping (in reel)
Radial taping (in box)
A21F:2000pcs/box
Axial taping
(in box)
A11F:2000pcs/box
Bulk packing in plastic bag
S00B:200pcs/bag
B type: 500pcs/bag
F type:100pcs/bag
Form
DA53/Unit quantity
DSA/Unit quantity
DSP, High voltage DSP/Unit quantity
DSS, High voltage DSS/Unit quantity
A22R:3000pcs/reel
A22F:1000pcs/box
A12F:1000pcs/box
A type:100pcs/bag
S type:200pcs/bag
-E15E:100pcs/bag
-E25E:100pcs/bag
-05F25:100pcs/bag
-U10T:100pcs/bag
C04F:2000pcs/box
1000pcs/box
T type:2000個/リール
T type:2000pcs/reel
アキシャルテーピング(リール巻)
アキシャルテーピング(箱詰め)
ラジアルテーピング(リール巻)
ラジアルテーピング(箱詰め)
アキシャルテーピング(箱詰め)
バラ袋詰め
形   態
Axial taping
(in reel)
Axial taping
(in box)
Radial taping (in reel)
SMDテーピング(リール巻)
SMD taping (in reel)
Radial taping (in box)
Axial taping
(in box)
Bulk packing in plastic bag
Form
S00B:200個/袋
S00B:200pcs/bag
B type:200個/袋
B type:200pcs/bag
DA38
:数量
DA38/Unit quantity
A21F:800個/箱
A21F:800pcs/box
DE37
:数量
DE37/Unit quantity
DB60
:数量
DB60/Unit quantity
CSA30
:数量
CSA30/Unit quantity
C04F:2000個/箱
A22F:1000個/箱
A12F:1000個/箱
A22F:1000pcs/box
A12F:1000pcs/box
C04F:2000pcs/box
21


Similar Part No. - DSSV-301M-T5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-113 MACOM-DSS-113 Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
Tyco Electronics
DSS-113PIN MACOM-DSS-113PIN Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DSS-113PIN MA-COM-DSS-113PIN Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113PIN MA-COM-DSS-113PIN Datasheet
601Kb / 4P
   Two-Way Power Divider
More results

Similar Description - DSSV-301M-T5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com