Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128FT32B-65TQIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C33128FT32B-65TQIN
Description  3.3V 128K x 32/36 Flow Through Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128FT32B-65TQIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C33128FT32B-65TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128FT32B-65TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AS7C33128FT32B
®
2/8/05; v.1.2
Alliance Semiconductor
P. 4 of 19
AS7C33128FT36B
Functional description
The AS7C33128FT32B/36B is a high-performance CMOS 4-Mbit synchronous Static Random Access Memory (SRAM) device organized
as 131,072 words × 32 or 36 bits.
Fast cycle times of 7.5/8.5/10/12 ns with clock access times (tCD) of 6.5/7.5/8.0/10 ns. Three chip enable (CE) inputs permit easy memory
expansion. Burst operation is initiated in one of two ways: the controller address strobe (ADSC), or the processor address strobe (ADSP).
The burst advance pin (ADV) allows subsequent internally generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip address register
when ADSP is sampled low, the chip enables are sampled active, and the output buffer is enabled with OE. In a read operation, the data
accessed by the current address registered in the address registers by the positive edge of CLK are carried to the data-out buffer. ADV is
ignored on the clock edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for
the next access of the burst when ADV is sampled low and both address strobes are high. Burst mode is selectable with the LBO input. With
LBO unconnected or driven high, burst operations use an interleaved count sequence. With LBO driven low, the device uses a linear count
sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable GWE writes all
32/36 regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is high, one or more bytes may be written by asserting
BWE and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP low, but it is sampled on all subsequent clock edges. Output buffers are disabled when
BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled low. Address is incremented
internally to the next burst address if BWn and ADV are sampled low.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC and ADSP are
as follows:
•ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
•WE signals are sampled on the clock edge that samples ADSC low (and ADSP high).
• Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C33128FT32B and AS7C33128FT36B family operates from a core 3.3V power supply. I/Os use a separate power supply that can
operate at 2.5V or 3.3V. These devices are available in a 100-pin TQFP package.
TQFP capacitance
*Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN
*
VIN = 0V
-
5
pF
I/O capacitance
CI/O
*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods and
procedures for measuring thermal impedance,
per EIA/JESD51
1–layer
θ
JA
40
°C/W
4–layer
θ
JA
22
°C/W
Thermal resistance
(junction to top of case)1
θ
JC
8
°C/W


Similar Part No. - AS7C33128FT32B-65TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B-10TQC ALSC-AS7C33128FT18B-10TQC Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B-10TQCN ALSC-AS7C33128FT18B-10TQCN Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B-10TQI ALSC-AS7C33128FT18B-10TQI Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C33128FT18B-10TQIN ALSC-AS7C33128FT18B-10TQIN Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
More results

Similar Description - AS7C33128FT32B-65TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
   3.3V 128K x 18 Flow Through Synchronous SRAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com