Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128NTD32B-200TQCN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTD32B-200TQCN
Description  3.3V 128Kx32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTD32B-200TQCN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C33128NTD32B-200TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
®
AS7C33128NTD32B
AS7C33128NTD36B
2/8/05; v.1.5
Alliance Semiconductor
P. 5 of 18
Signal descriptions
Snooze Mode
SNOOZE MODE is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of SNOOZE
MODE is dictated by the length of time the ZZ is in a High state.
The ZZ pin is an asynchronous, active high input that causes the device to enter SNOOZE MODE.
When the ZZ pin becomes a logic High, ISB2 is guaranteed after the time tZZI is met. After entering SNOOZE MODE, all inputs except ZZ is
disabled and all outputs go to High-Z. Any operation pending when entering SNOOZE MODE is not guaranteed to successfully complete.
Therefore, SNOOZE MODE (READ or WRITE) must not be initiated until valid pending operations are completed. Similarly, when exiting
SNOOZE MODE during tPUS, only a DESELECT or READ cycle should be given while the SRAM is transitioning out of SNOOZE MODE.
Burst order
Signal
I/O
Properties Description
CLK
I
CLOCK
Clock. All inputs except OE, LBO, and ZZ are synchronous to this clock.
CEN
I
SYNC
Clock enable. When de-asserted high, the clock input signal is masked.
A, A0, A1
I
SYNC
Address. Sampled when all chip enables are active and ADV/LD is asserted.
DQ[a,b,c,d]
I/O
SYNC
Data. Driven as output when the chip is enabled and OE is active.
CE0, CE1,
CE2
ISYNC
Synchronous chip enables. Sampled at the rising edge of CLK, when ADV/LD is asserted. Are
ignored when ADV/LD is high.
ADV/LD
ISYNC
Advance or Load. When sampled high, the internal burst address counter will increment in the
order defined by the LBO input value. When low, a new address is loaded.
R/W
ISYNC
A high during LOAD initiates a READ operation. A low during LOAD initiates a WRITE
operation. Is ignored when ADV/LD is high.
BW[a,b,c,d]
ISYNC
Byte write enables. Used to control write on individual bytes. Sampled along with WRITE
command and BURST WRITE.
OE
I
ASYNC
Asynchronous output enable. I/O pins are not driven when OE is inactive.
LBO
ISTATIC
Selects Burst mode. When tied to VDD or left floating, device follows interleaved Burst order. When
driven Low, device follows linear Burst order. This signal is internally pulled High.
ZZ
I
ASYNC
Snooze. Places device in low power mode; data is retained. Connect to GND if unused.
NC
-
-
No connect
Interleaved burst order (LBO = 1)
Linear burst order (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
Starting address
0 00 11 0
1 1
Starting Address
0 00 11 01 1
First increment
0 1
0 0
1 1
1 0
First increment
0 1
1 0
1 1
0 0
Second increment
1 0
1 1
0 0
0 1
Second increment
1 0
1 1
0 0
0 1
Third increment
1 1
1 0
0 1
0 0
Third increment
1 1
0 0
0 1
1 0


Similar Part No. - AS7C33128NTD32B-200TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQC ALSC-AS7C33128NTD18B-133TQC Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQCN ALSC-AS7C33128NTD18B-133TQCN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQI ALSC-AS7C33128NTD18B-133TQI Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQIN ALSC-AS7C33128NTD18B-133TQIN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
More results

Similar Description - AS7C33128NTD32B-200TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com