Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128NTD32B-166TQC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTD32B-166TQC
Description  3.3V 128Kx32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTD32B-166TQC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C33128NTD32B-166TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33128NTD32B-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
®
AS7C33128NTD32B
AS7C33128NTD36B
2/8/05; v.1.5
Alliance Semiconductor
P. 7 of 18
State Diagram for NTD SRAM
Absolute maximum ratings
Stresses greater than those listed under “Absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions may affect reliability.
Recommended operating conditions at 3.3V I/O
Recommended operating conditions at 2.5V I/O
Parameter
Symbol
Min
Max
Unit
Power supply voltage relative to GND
VDD, VDDQ
–0.5
+4.6
V
Input voltage relative to GND (input pins)
VIN
–0.5
VDD + 0.5
V
Input voltage relative to GND (I/O pins)
VIN
–0.5
VDDQ + 0.5
V
Power dissipation
Pd
–1.8
W
Short circuit output current
IOUT
20
mA
Storage temperature
Tstg
–65
+150
oC
Temperature under bias
Tbias
–65
+135
oC
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
3.135
3.3
3.465
V
Ground supply
Vss
0
0
0
V
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
2.375
2.5
2.625
V
Ground supply
Vss
0
0
0
V
Dsel
Read
Burst
Burst
Write
Read
Write
Burst
Read
Dsel
Read
Burst
Write
Dse
l
Wri
te
Burst
Dsel
Burst
Burst
Write
Read


Similar Part No. - AS7C33128NTD32B-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQC ALSC-AS7C33128NTD18B-133TQC Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQCN ALSC-AS7C33128NTD18B-133TQCN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQI ALSC-AS7C33128NTD18B-133TQI Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQIN ALSC-AS7C33128NTD18B-133TQIN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
More results

Similar Description - AS7C33128NTD32B-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com