Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31026B-20JCN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C31026B-20JCN
Description  3.3 V 64K X 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026B-20JCN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C31026B-20JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026B-20JCN Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
AS7C31026B
3/26/04, v 1.3
Alliance Semiconductor
P. 7 of 10
AC test conditions
Notes
1
During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A and B.
4
These parameters are specified with CL = 5 pF, as in Figures B. Transition is measured ± 500 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is high for read cycle.
7CE and OE are low for read cycle.
8
Address is valid prior to or coincident with CE transition low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 N/A
11
All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C = 30 pF, except all high Z and low Z parameters where C = 5 pF.
255
C13
320
GND
+3.3 V
Figure B: 3.3 V Output load
168
Thevenin Equivalent:
DOUT
+1.728 V
10%
90%
10%
90%
GND
+3.0 V
Figure A: Input pulse
2 ns
DOUT
– Output load: see Figure B.
– Input pulse level: GND to 3.0 V. See Figure A.
– Input rise and fall times: 2 ns. See Figure A.
– Input and output timing reference levels: 1.5


Similar Part No. - AS7C31026B-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026B-20JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com