Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4604T-106-2222BBA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4604T-106-2222BBA
Description  4600T, S, K Series - Thin Film Conformal SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4604T-106-2222BBA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4604T-106-2222BBA Datasheet HTML 1Page - List of Unclassifed Manufacturers 4604T-106-2222BBA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4600T, S, K Series - Thin Film Conformal SIP
Specifications are subject to change without notice.
Product Characteristics
Resistance Range
Bussed ...................49.9 to 100K ohms
Isolated ......................20 to 200K ohms
Series.........................20 to 100K ohms
Resistance Tolerance
............................±0.1%, ±0.5%, ±1%
Temperature Coefficient
....................±100ppm/°C, ±50ppm/°C,
±25ppm/°C
Temperature Range
...................................-55°C to +125°C
Insulation Resistance
..................10,000 megohms minimum
TCR Tracking ..........................±5ppm/°C
Environmental Characteristics
Thermal Shock and
Power Conditioning ......................0.1%
Short Time Overload ...................... 0.1%
Terminal Strength ........................ 0.25%
Resistance to Soldering Heat ........ 0.1%
Moisture Resistance ...................... 0.1%
Life ................................................ 0.5%
Physical Characteristics
Body Material Flammability
...........................Conforms to UL94V-0
Body Material........................Epoxy resin
AMBIENT TEMPERATURE ( C )
°
0
70
150
1.75
1.50
1.25
1.00
.75
.50
.25
25
PACKAGE POWER TEMPERATURE
DERATING CURVE (Low Profile, 4600T)
4614T
4612T
4610T
4608T
4606T
4604T
125
Package Power Ratings at 70°C
TS
K
4604 ...... 0.50.......... 0.60........ 0.8 watts
4605 ...... 0.63.......... 0.75........ 1.0 watts
4606 ...... 0.75.......... 0.90........ 1.2 watts
4607 ...... 0.88.......... 1.05........ 1.4 watts
4608 ...... 1.00.......... 1.20........ 1.6 watts
4609 ...... 1.13.......... 1.35........ 1.8 watts
4610 ...... 1.25.......... 1.50........ 2.0 watts
4611 ...... 1.38.......... 1.65........ 2.2 watts
4612 ...... 1.50.......... 1.80........ 2.4 watts
4613 ...... 1.63.......... 1.95........ 2.6 watts
4614 ...... 1.75.......... 2.10........ 2.8 watts
A
MAXIMUM
PIN #1
REF.
4600T
5.08
(.200)
MAX.
3.43 + .38/ - .25
(.135 + .015/ - .010)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254
± .050
(.010
± .002)
TYP.
Maximum package length is equal to 2.54mm (.100") times the
number of pins, less .005mm (.002").
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
PIN ONE
INDICATOR
CIRCUIT
PART
NUMBER
MANUFACTURER'S
TRADEMARK
RESISTANCE
CODE (4 DIGIT)
DATE CODE
2203BC
4611K-101
YYWW
ABSOLUTE
TOLERANCE
CODE
TYPICAL PART MARKING
Represents total content. Layout may vary.
HOW TO ORDER
46 11 T - 101 - 2222 F A B
Model
(46 = Conformal SIP)
Number of Pins
Physical Config.
•T = Low Profile Thin Film
•S = Medium Profile Thin Film
•K = High Profile Thin Film
Electrical Configuration
•101 = Bussed
•102 = Isolated
•106 = Series
Resistance Code
•First 3 digits are significant
•Fourth digit represents the
number of zeros to follow.
Absolute Tolerance Code
•B = ±0.1%
•F = ±1%
•D = ±0.5%
Temperature Coefficient Code
•A = ±100ppm/°C
•C = ±25ppm/°C
•B = ±50ppm/°C
Ratio Tolerance (Optional)
•A = ±0.05% to R1 •D = ±0.5% to R1
•B = ±0.1% to R1
Consult factory for other available options.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)
Package Power Temp. Derating Curve
(Low Profile, 4600T)
Product Dimensions
Features
s
Low profile provides compatibility with
DIPs
s
Also available in medium profile (4600S -
.250”) and high profile (4600K - .350”)
s
Marking on contrasting background
s
Custom circuits available per factory
316


Similar Part No. - 4604T-106-2222BBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4604 ETC-4604 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
4604-RC BOURNS-4604-RC Datasheet
108Kb / 1P
   Varnished Chokes
4604-RC BOURNS-4604-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
logo
Turck, Inc.
4604001 TURCK-4604001 Datasheet
181Kb / 3P
   Inductive Sensor
11/07/2023
4604002 TURCK-4604002 Datasheet
181Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 4604T-106-2222BBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4600T ETC1-4600T Datasheet
140Kb / 2P
   THIN FILM CONFORMAL SIP
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4612X BOURNS-4612X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4614X BOURNS-4614X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4613X BOURNS-4613X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4604X BOURNS-4604X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4608X BOURNS-4608X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4609X BOURNS-4609X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
4610X BOURNS-4610X Datasheet
123Kb / 2P
   Thick Film Conformal SIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com