Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128FT18B-80TQC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C33128FT18B-80TQC
Description  3.3V 128K x 18 Flow Through Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128FT18B-80TQC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS7C33128FT18B-80TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
®
AS7C33128FT18B
12/10/04; v.1.3
Alliance Semiconductor
P. 8 of 19
.
Recommended operating conditions at 3.3V I/O
Recommended operating conditions at 2.5V I/O
Absolute maximum ratings1
1 Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other
conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect reliability.
Parameter
Symbol
Min
Max
Unit
Power supply voltage relative to GND
VDD, VDDQ
–0.5
+4.6
V
Input voltage relative to GND (input pins)
VIN
–0.5
VDD + 0.5
V
Input voltage relative to GND (I/O pins)
VIN
–0.5
VDDQ + 0.5
V
Power dissipation
PD
–1.8
W
DC output current
IOUT
–50
mA
Storage temperature (plastic)
Tstg
–65
+150
°C
Temperature under bias
Tbias
–65
+135
°C
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
3.135
3.3
3.465
V
Ground supply
Vss
0
0
0
V
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage for inputs
VDD
3.135
3.3
3.465
V
Supply voltage for I/O
VDDQ
2.375
2.5
2.625
V
Ground supply
Vss
0
0
0
V


Similar Part No. - AS7C33128FT18B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQC ALSC-AS7C33128FT32B-10TQC Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQCN ALSC-AS7C33128FT32B-10TQCN Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQI ALSC-AS7C33128FT32B-10TQI Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQIN ALSC-AS7C33128FT32B-10TQIN Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
More results

Similar Description - AS7C33128FT18B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
logo
Integrated Device Techn...
IDT71V509 IDT-IDT71V509 Datasheet
94Kb / 9P
   128K x 8 3.3V SYNCHRONOUS SRAM WITH ZBTO AND FLOW-THROUGH OUTPUT
logo
Alliance Semiconductor ...
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com