Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33128FT18B-80TQC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C33128FT18B-80TQC
Description  3.3V 128K x 18 Flow Through Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128FT18B-80TQC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C33128FT18B-80TQC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128FT18B-80TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
®
AS7C33128FT18B
12/10/04; v.1.3
Alliance Semiconductor
P. 3 of 19
Pin arrangement
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQb0
DQb1
VSSQ
VDDQ
DQb2
DQb3
VDD
NC
VSS
DQb4
DQb5
VDDQ
VSSQ
DQb6
DQb7
DQpb
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
A
NC
NC
VDDQ
VSSQ
NC
DQpa
DQa7
DQa6
VSSQ
VDDQ
DQa5
DQa4
VSS
ZZ
DQa3
DQa2
VDDQ
VSSQ
DQa1
DQa0
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
VDD
TQFP 14 × 20mm
NC


Similar Part No. - AS7C33128FT18B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQC ALSC-AS7C33128FT32B-10TQC Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQCN ALSC-AS7C33128FT32B-10TQCN Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQI ALSC-AS7C33128FT32B-10TQI Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B-10TQIN ALSC-AS7C33128FT32B-10TQIN Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
More results

Similar Description - AS7C33128FT18B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
   3.3V 2M x 18 Flow-through synchronous SRAM
logo
Integrated Device Techn...
IDT71V509 IDT-IDT71V509 Datasheet
94Kb / 9P
   128K x 8 3.3V SYNCHRONOUS SRAM WITH ZBTO AND FLOW-THROUGH OUTPUT
logo
Alliance Semiconductor ...
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com